Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASBS4-LED5-4 Datasheet(PDF) 80 Page - Lumberg

Part # ASBS4-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS4-LED5-4 Datasheet(HTML) 80 Page - Lumberg

Back Button ASBS4-LED5-4 Datasheet HTML 76Page - Lumberg ASBS4-LED5-4 Datasheet HTML 77Page - Lumberg ASBS4-LED5-4 Datasheet HTML 78Page - Lumberg ASBS4-LED5-4 Datasheet HTML 79Page - Lumberg ASBS4-LED5-4 Datasheet HTML 80Page - Lumberg ASBS4-LED5-4 Datasheet HTML 81Page - Lumberg ASBS4-LED5-4 Datasheet HTML 82Page - Lumberg ASBS4-LED5-4 Datasheet HTML 83Page - Lumberg ASBS4-LED5-4 Datasheet HTML 84Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
80
PowerCINCH™ In-Line Trunk Reducers
4-Pole, Single Key
PowerCINCH™ Trunk Feeder Receptacles
4-Pole, Single Key
PowerCINCH™ Drop-Branch Receptacles
4-Pole, Single Key
RS40D-RK40A
RSF 40D-3/4-10T
RSF 40A-14D
RKF 40D-3/4-10T
Part No.
RS40D-RK40A
Part No.
RSF 40D-3/4-10T/1 M
RSF 40D-3/4-10T/3 M
Part No.
RSF 40A-14D/1 M
RSF 40A-14D/3 M
Part No.
RKF 40D-3/4-10T/1 M
RKF 40D-3/4-10T/3 M
In-Line Reducers
PowerCINCH™ In-Line Reducer, 4-Pole Male to
Female with Single Key. PVC Black Molded Body,
Aluminum Anodized Coupling Nut, Copper Alloy
Contacts, PVC Black Insert, 15 A Current Rating,
600 V Voltage Rating, -20° to +105° C Temperature
Rating, IP 67 Rated.
Trunk Feeder Receptacle, Male
PowerCINCH™ Trunk Feeder Receptacles, Male,
4-Pole, 10 AWG Stranded Copper Wire, 3/4-14 NPT,
Single Key, Black PVC Molded Insert, Aluminum
Anodized Shell, Brass-Gold Over Nickel Plated, 25 A
Current Rating, 600 V Voltage Rating, -20° to +105°
C Temperature Rating, IP 67 Rated.
Drop-Branch Receptacle, Male
PowerCINCH™ Drop-Branch Receptacles, Male,
4-Pole, 14 AWG Stranded Copper Wire, 1/2-14 NPT,
Single Key, Black PVC Molded Insert, Aluminum
Anodized Shell, Brass-Gold Over Nickel Plated,
15 A Current Rating, 600 V Voltage Rating,
-20° to +105° C Temperature Rating, IP 67 Rated.
Trunk Feeder Receptacle, Female
PowerCINCH™ Trunk Feeder Receptacles, Female,
4-Pole, 10 AWG Stranded Copper Wire, 3/4-14 NPT,
Single Key, Black PVC Molded Insert, Aluminum
Anodized Shell, Brass-Gold Over Nickel Plated,
25 A Current Rating, 600 V Voltage Rating,
-20° to +105° C Temperature Rating, IP 67 Rated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com