Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASBS4-LED5-4 Datasheet(PDF) 55 Page - Lumberg

Part # ASBS4-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS4-LED5-4 Datasheet(HTML) 55 Page - Lumberg

Back Button ASBS4-LED5-4 Datasheet HTML 51Page - Lumberg ASBS4-LED5-4 Datasheet HTML 52Page - Lumberg ASBS4-LED5-4 Datasheet HTML 53Page - Lumberg ASBS4-LED5-4 Datasheet HTML 54Page - Lumberg ASBS4-LED5-4 Datasheet HTML 55Page - Lumberg ASBS4-LED5-4 Datasheet HTML 56Page - Lumberg ASBS4-LED5-4 Datasheet HTML 57Page - Lumberg ASBS4-LED5-4 Datasheet HTML 58Page - Lumberg ASBS4-LED5-4 Datasheet HTML 59Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
55
Splitters and
Adapters
T-Splitters and Adapters
M23-T-Distributor, Double Solenoid Valve Adapter, M12 and M8 Valve Adapters
M23-Female - 2xM23 Male/Female
T-Splitter, 6-Poles with One M23 Female, One M23
Female and One M23 Male Connector, IP 67 Rated.
– especially suitable for the e2c 67 system to drag
the power supply –
M23-Male - 2xM23 Male/Female
T-Splitter, 9-Poles with One M23 Female, One M23
Female and One M23 Male Connector, IP 67 Rated.
– especially suitable for Interbus installations remote
bus modules –
Double Solenoid Valve Adapter (Valve Adapter
with Integrated M12 Male Receptacle Connector),
According to DIN EN 175301-803, Form A, with LED
Function Indicator and Varistor for Voltage Protection,
IP 67 Rated.
Cable Types:
226
= PUR, halogen-free, black
241
= PUR, halogen-free, welding
spark proof, orange
Connector for Pressure Switches According to DIN
EN 175301-803, Form A, with LED Operation and
Function Indicator and M12, 5-Pole Male Receptacle
Connector, IP 67 Rated.
Valve Adapter According to DIN EN 175301-803,
Form A with LED Function Indicator, Varistor Voltage
Protection, Connected Protective Earth with M12,
5-Pole Male Receptacle Connector, IP 67 Rated.
0906 UTP 203
0906 UTP 204
VAD 3C-4-1-M12-5
VAD 1A...M12
VAD M12 1A-VAD 1A-1-3
Part No.
0906 UTP 203
Part No.
0906 UTP 204
Part No.
VAD 3C-4-1-M12-5
Part No.
VAD 1A-1-3-M12-5
Part No.
VAD M12 1A-VAD 1A-1-3-226/0,4 M
VAD M12 1A-VAD 1A-1-3-241/0,4 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com