Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASBS4-LED5-4 Datasheet(PDF) 124 Page - Lumberg

Part # ASBS4-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS4-LED5-4 Datasheet(HTML) 124 Page - Lumberg

Back Button ASBS4-LED5-4 Datasheet HTML 120Page - Lumberg ASBS4-LED5-4 Datasheet HTML 121Page - Lumberg ASBS4-LED5-4 Datasheet HTML 122Page - Lumberg ASBS4-LED5-4 Datasheet HTML 123Page - Lumberg ASBS4-LED5-4 Datasheet HTML 124Page - Lumberg ASBS4-LED5-4 Datasheet HTML 125Page - Lumberg ASBS4-LED5-4 Datasheet HTML 126Page - Lumberg ASBS4-LED5-4 Datasheet HTML 127Page - Lumberg ASBS4-LED5-4 Datasheet HTML 128Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
124
FWD 5
FWD 5
FWD 5
RSU 6-RKU A 6-203/0,6 M | RKU A 6-203/...M
RSU 6-RKU 6-204/0,6 M | RKU 6-204/...M
0905 204 302/0,6 M | 0905 204 301/...M | 0905 204 303/...M
Part No.
RSU 6-RKU A 6-203/0,6 M
RKU A 6-203/5 M
RKU A 6-203/10 M
RKU A 6-203/15 M
Part No.
RSU 6-RKU 6-204/0,6 M
RKU 6-204/5 M
RKU 6-204/10 M
RKU 6-204/15 M
Part No.
0905 204 302/0,6 M
0905 204 301/5 M
0905 204 301/10 M
0905 204 301/15 M
0905 204 303/5 M
0905 204 303/10 M
0905 204 303/15 M
Profibus Power Supply Cable.
RSU 6-RKU A 6-203/0,6 M: Double-Ended (molded on
both sides) with M23-Male Connector and
M23-Female Connector, 6-Poles (Pin 1, 2, 3
assigned), 0.6 Meters.
RKU A 6-203/...M: Single-Ended (molded on one
side) with M23-Female Connector, 6-Poles (Pin 1, 2,
3 assigned).
– for output/mixing modules (0970 PSL 2xx) –
Profibus Power Supply Cable.
RSU 6-RKU 6-204/0,6 M: Double-Ended (molded on
both sides) with M23-Male Connector and
M23-Female Connector, 6-Poles, 0.6 Meters.
RKU 6-204/...M: Single-Ended (molded on one side)
with M23-Female Connector, 6-Poles.
Profibus Power Supply Cable.
0905 204 302/0,6 M: Double-Ended (molded on both
sides) with 7/8”-Male Connector and 7/8”-Female
Connector, 5-Poles, 0.6 Meters.
0905 204 301/...M: Single-Ended (molded on one
side) with 7/8”-Female Connector, 5-Poles.
0905 204 303/...M: Single-Ended (molded on one
side) with 7/8”-Male Connector, 5-Poles.
Profibus
Profibus-DP-Power Cables
FWD 5
RKU E 6-203/...M
Part No.
RKU E 6-203/5 M
RKU E 6-203/10 M
RKU E 6-203/15 M
Profibus Power Supply System/Sensor Cable.
Single-Ended (molded on one side) with M23-Female
Connector, 6 Poles (Pin 1, 4, 5 assigned)
– for modules with inputs-only (0970 PSL 1xx) –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com