Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASBS4-LED5-4 Datasheet(PDF) 139 Page - Lumberg

Part # ASBS4-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS4-LED5-4 Datasheet(HTML) 139 Page - Lumberg

Back Button ASBS4-LED5-4 Datasheet HTML 135Page - Lumberg ASBS4-LED5-4 Datasheet HTML 136Page - Lumberg ASBS4-LED5-4 Datasheet HTML 137Page - Lumberg ASBS4-LED5-4 Datasheet HTML 138Page - Lumberg ASBS4-LED5-4 Datasheet HTML 139Page - Lumberg ASBS4-LED5-4 Datasheet HTML 140Page - Lumberg ASBS4-LED5-4 Datasheet HTML 141Page - Lumberg ASBS4-LED5-4 Datasheet HTML 142Page - Lumberg ASBS4-LED5-4 Datasheet HTML 143Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
139
Industrial Ethernet
Industrial Ethernet
Ethernet-Data Cables-High Flex, 2-Twisted Pair, 24 AWG Stranded, Unshielded, PVC Cable
FWD 5
FWD 5
FWD 5
FWD 5
Part No.
0985 706 100/0.5 M
0985 706 101/0.5 M
0985 706 100/1 M
0985 706 101/1 M
0985 706 100/2 M
0985 706 101/2 M
0985 706 100/5 M
0985 706 101/5 M
0985 706 100/10 M
0985 706 100/15 M
0985 706 100/20 M
0985 706 100/25 M
0985 706 100/30 M
0985 706 100/35 M
0985 706 100/40 M
0985 706 100/45 M
0985 706 100/50 M
Part No.
0985 706 103/0.5 M
0985 706 103/1 M
0985 706 103/2 M
0985 706 103/5 M
0985 706 103/10 M
Part No.
0985 706 104/0.5 M
0985 706 104/1 M
0985 706 104/2 M
0985 706 104/5 M
0985 706 104/10 M
Part No.
0985 706 500/0.5 M
0985 706 500/1 M
0985 706 500/2 M
0985 706 500/5 M
0985 706 500/10 M
Industrial Ethernet Double-Ended Data Cables
(molded on both sides) 2-Twisted Pair, 24 AWG
Stranded, PVC Teal Jacket, High-Flex, Unshielded,
Standard Coding.
0985 706 100/...M: 8-Pin, M12-Male Straight to
M12-Male Straight, IP 67 Rated.
0985 706 101/...M: 8-Pin, M12-Male Straight to
M12-Male Straight with Cross-Over Wire, IP 67 Rated.
Industrial Ethernet Double-Ended Data Cables,
2-Twisted Pair, 24 AWG Stranded, PVC Teal Jacket,
High-Flex, Unshielded, Standard Coding.
0985 706 103/...M: 8-Pin, M12 Straight to RJ45,
IP 65/ IP 67 Rated.
Industrial Ethernet Double-Ended Data Cables,
2-Twisted Pair, 24 AWG Stranded, PVC Teal Jacket,
High-Flex, Unshielded, Standard Coding.
0985 706 104/...M: 8-Pin, RJ45 to M12-Female
Receptacle, IP 65/IP 67 Rated.
Industrial Ethernet Double-Ended Data Cables,
2-Twisted Pair, 24 AWG Stranded, PVC Teal Jacket,
High-Flex, Unshielded, Standard Coding.
0985 706 500/...M: 8-Pin, RJ45 to RJ45,
IP 65 Rated.
0985 706 100/...M | 0985 706 101/...M |
0985 706 103/...M
0985 706 104
0985 706 500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com