Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FHS40-P Datasheet(PDF) 2 Page - LEM

Part # FHS40-P
Description  Current transducer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

FHS40-P Datasheet(HTML) 2 Page - LEM

  FHS40-P Datasheet HTML 1Page - LEM FHS40-P Datasheet HTML 2Page - LEM FHS40-P Datasheet HTML 3Page - LEM FHS40-P Datasheet HTML 4Page - LEM FHS40-P Datasheet HTML 5Page - LEM FHS40-P Datasheet HTML 6Page - LEM FHS40-P Datasheet HTML 7Page - LEM FHS40-P Datasheet HTML 8Page - LEM FHS40-P Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Page 2/18
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
100727/10
FHS 40-P/SP600
0 - 100A
Absolute maximum ratings (non operating)
Block diagram
This block diagram includes user programmable options: please contact LEM for details.
Parameter
Symbol
Unit
Specifications
Conditions
Supply voltage
V
C
V
5.6
Exceeding this voltage may temporarily
reconfigure the circuit until next power-on
8.25
Destructive
Electrostatic discharge
kV
2
Human Body Model
Latch-Up, Normal mode
According to Jedec Standard JESD78A
Latch-Up, Standby mode
According to Jedec Standard JESD78A
@ 25°C
Latch-Up voltage in Standby mode
V
6.5
@ 125°C
Ambient operating temperature
T
A
°C
- 40 .. + 125
Ambient storage temperature
T
S
°C
- 55 .. + 150
Output short circuit duration
Indefinite
0V
3.03 *Rref
Rref
Hall sensor array,
concentrator
and front end electronics
Hall biasing and
temperature comp.
Programmer
Sensitivity,
Drift, Offset
Output stage
VC
VOUT
Output
control
VRef
Bandgap Ref.
1.23V
Sensitivity
sign change
Ref calibration
200 Ohm
200 Ohm
Standby
VOUTFast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com