Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FHS40-P Datasheet(PDF) 12 Page - LEM

Part # FHS40-P
Description  Current transducer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

FHS40-P Datasheet(HTML) 12 Page - LEM

Back Button FHS40-P Datasheet HTML 8Page - LEM FHS40-P Datasheet HTML 9Page - LEM FHS40-P Datasheet HTML 10Page - LEM FHS40-P Datasheet HTML 11Page - LEM FHS40-P Datasheet HTML 12Page - LEM FHS40-P Datasheet HTML 13Page - LEM FHS40-P Datasheet HTML 14Page - LEM FHS40-P Datasheet HTML 15Page - LEM FHS40-P Datasheet HTML 16Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Page 12/18
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
100727/10
FHS 40-P/SP600
0 - 100A
Application information
The sensitivity depends on the track width and distance, as shown in figure 11.
The maximum current that can be safely applied continuously is determined by the temperature rise of the track.
The use of a track with varying width gives the best combination of sensitivity and track temperature rise.
The following paragraphs show optimized track shapes for bottom and top side tracks.
they are only examples and there could be many others depending on the application requirements.
Track bottom side
High isolation configuration
Track top side
Low isolation configuration
Primary Conductor (Track)
PCB
B
Primary Conductor
(Track)
PCB
B
PCB
Ip
B
1
Track on
bottom side
Ip
B
PCB
1
KIT 5
KIT 9
Creeapage, clearance
8 mm
8 mm
Nominal primary current IPN 16 A
30 A
(85°C ambient, natural convection,
30°C track temperature rise)
Measuring range IPM
55 A
76 A
Sensitivity G
36 mV/A
26 mV/A
Track width under IC
3 mm
8 mm
Track width elsewhere
10 mm
16 mm
A demo board of this
G2.00.23.104.0 GE.00.23.108.0
design is available
PCB characteristics 1.6 mm / 70 µm Cu
KIT 4
Creeapage, clearance
0.4 mm
Nominal primary current IPN
16 A
(85°C ambient, natural convection,
30°C track temperature rise)
Measuring range IPM
29 A
Sensitivity G
68.7 mV/A
Track width under IC
3 mm
Track width elsewhere
10 mm
A demo board of this
G2.00.23.103.
0
design is available
PCB characteristics 70 µm Cu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com