Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FHS40-P Datasheet(PDF) 13 Page - LEM

Part # FHS40-P
Description  Current transducer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

FHS40-P Datasheet(HTML) 13 Page - LEM

Back Button FHS40-P Datasheet HTML 9Page - LEM FHS40-P Datasheet HTML 10Page - LEM FHS40-P Datasheet HTML 11Page - LEM FHS40-P Datasheet HTML 12Page - LEM FHS40-P Datasheet HTML 13Page - LEM FHS40-P Datasheet HTML 14Page - LEM FHS40-P Datasheet HTML 15Page - LEM FHS40-P Datasheet HTML 16Page - LEM FHS40-P Datasheet HTML 17Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Page 13/18
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
100727/10
FHS 40-P/SP600
0 - 100A
Application information
Multi-turns
For low currents (under 10 A), it is advisable to make several turns with the primary track to increase the magnetic field
generated by the primary current.
As with a single track, it is better to have wider tracks around the Minisens than under it (to reduce temperature rise)
Figure 12: Example of multi-turns PCB design
Two optimized design examples are presented below.
4 turns bottom side
High isolation configuration
3 turns bottom side
Low isolation configuration
KIT 8
Creeapage, clearance
8 mm
Nominal primary current
I
PN
5 A
(85°C ambient, natural convection,
30°C track temperature rise)
Measuring range
I
PM
15 A
Sensitivity
G
126 mV/A
Track width under IC
0.78 mm
Track width elsewhere
3 mm
A demo board of this
GE.00.23.107.0
design is available
PCB characteristics 1.6 mm / 70 µm Cu
KIT 7
Creeapage, clearance
0.4 mm
Nominal primary current
I
PN
5 A
(85°C ambient, natural convection,
30°C track temperature rise)
Measuring range
I
PM
10 A
Sensitivity
G
186 mV/A
Track width under IC
0.78 mm
Track width elsewhere
3 mm
A demo board of this
GE.00.23.106.0
design is available
PCB characteristics 1.6 mm / 70 µm Cu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com