Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FHS40-P Datasheet(PDF) 3 Page - LEM

Part # FHS40-P
Description  Current transducer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

FHS40-P Datasheet(HTML) 3 Page - LEM

  FHS40-P Datasheet HTML 1Page - LEM FHS40-P Datasheet HTML 2Page - LEM FHS40-P Datasheet HTML 3Page - LEM FHS40-P Datasheet HTML 4Page - LEM FHS40-P Datasheet HTML 5Page - LEM FHS40-P Datasheet HTML 6Page - LEM FHS40-P Datasheet HTML 7Page - LEM FHS40-P Datasheet HTML 8Page - LEM FHS40-P Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Page 3/18
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
100727/10
FHS 40-P/SP600
0 - 100A
Notes: All parameters are for the V
C range from 4.5 V to 5.5 V, and TA = - 40°C to + 125°C.
Typical values are for
V
C = 5 V; TA = 25°C. Values are for the application schematic shown in figure 6.
Electrical data
Parameter
Symbol
Unit
Min
Typ
Max
Conditions
Supply voltage
V
C
V
4.75
5
5.5
4.5 V possible but limits
measurement range
Current consumption
I
C
mA
15
19
Operating mode
µA
20
Standby mode
Output voltage in a flux density
B
V
OUT
V
V
REF + VOE + (G x B)
Simplified model
Magnetic flux density measuring range
B
M
mT
±3.3
V
C = 5 V
Linearity error
ε
L
%
-1.5
±0.4
1.5
G
B = 600 mV/mT,
B = ± 3.3, V
C = 5 V
Sensitivity, referred to magnetic field
G
B
mV/mT
582
600
618
@ 25°C,
V
C = 5 V
Sensitivity -
V
C influence
% of
V
C = 5 V value
-1
1
@ 25°C, @
V
C = 5 V ± 10%
Temperature coefficient of
G
B
TCG
ppm/°C
-350
350
Refered to 25°C; 3 sigma limits
Reference voltage (Internal reference used as output)
V
REF
V
2.480
2.5
2.52
@ 25°C,
V
C = 5 V
Regulation
V
C
mV/V
-5
5
@ 25°C,
V
C = 5 V ± 10%
Output impedance
V
REF
Ω
150
200
250
Temperature coefficient of
V
REF
TCV
REF
ppm/°C
-80
80
25°C - 125°C; 3 sigma limits
Temperature coefficient of
V
REF
TCV
REF
ppm/°C
-100
100
-40°C - 25°C; 3 sigma limits
Reference voltage (External reference used as input)
V
REF
V
1.5
2.8
Additional sensitivity error
%/V
-1
1
Relative to 2.5 V
Additional electrical offset voltage
mV/V
-40
20
Relative to 2.5 V
Electrical offset voltage
V
OUT - VREF
V
OE
mV
-10
10
@ 25°C,
B = 0; V
C = 5 V
Electrical offset voltage
V
OUTFast - VREF
V
OEFast
mV
±50
@ 25°C,
B = 0; V
C = 5 V
Temperature coefficient of
V
OE and VOEFast
TCV
OE
mV/°C
-0.15
0.15
Refered to 25°C and
V
REF; 3 sigma limits
Offset -
V
C influence (VOE and VOEFast)
mV
-10
10
@ 25°C,
V
C = 5 V ± 10%
Output resistance
V
OUT
R
OUT
Ω
5
DC
Output resistance
V
OUTFast
R
OUTFast
Ω
10
DC
Output current magnitude
V
OUT
I
OUT
mA
30
As source
50
As sink
Output current magnitude
V
OUTFast
I
OUTFast
mA
5
As source
10
As sink
Maximum output capacitive loading
C
L
nF
18
4.7 nF recommended
Standby pin “0” level
V
-0.3
+0.5
Standby pin “1” level
V
V
C-0.5
V
C+0.3
For standby mode
Time to switch from standby to normal mode
µs
60
90 % of correct output
Output voltage noise
V
OUT and VOUTFast
V
no
µVrms/√Hz
15
f = 1500 Hz - 100 Hz
Internal Clock feed through
V
OUT
µVrms
400
(f = 500 kHz typ)
Internal Clock feed through
V
OUTFast
µVrms
1600
(f = 500 kHz typ)
Reaction time
V
OUT
t
ra
µs
3
Input signal rise time 1 µs
Response time
V
OUT
t
r
µs
5
Input signal rise time 1 µs
Reaction time
V
OUTFast
t
raFast
µs
3
Input signal rise time 1 µs
Response time
V
OUTFast
t
rFast
µs
3
Input signal rise time 1 µs
Frequency bandwidth
V
OUT
BW
kHz
105
@ -3 dB (Kit 9)
45
@ -1 dB (Kit 9)
Frequency bandwidth
V
OUTFast
BWFast
kHz
120
@ -3 dB (Kit 9)
55
@ -1 dB (Kit 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com