Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FHS40-P Datasheet(PDF) 9 Page - LEM

Part # FHS40-P
Description  Current transducer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

FHS40-P Datasheet(HTML) 9 Page - LEM

Back Button FHS40-P Datasheet HTML 5Page - LEM FHS40-P Datasheet HTML 6Page - LEM FHS40-P Datasheet HTML 7Page - LEM FHS40-P Datasheet HTML 8Page - LEM FHS40-P Datasheet HTML 9Page - LEM FHS40-P Datasheet HTML 10Page - LEM FHS40-P Datasheet HTML 11Page - LEM FHS40-P Datasheet HTML 12Page - LEM FHS40-P Datasheet HTML 13Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Page 9/18
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
100727/10
FHS 40-P/SP600
0 - 100A
Application information
Basic operation: example with a long thin conductor
Minisens is a galvanically isolated current transducer. It senses the magnetic field generated by the measured current and
transforms it into an output voltage.
If the current is bidirectional, Minisens will sense the polarity of the magnetic field and generate a positive or negative output
voltage relative to the reference voltage.
A simple case is presented which illustrates the current to magnetic field and then to output voltage conversion.
A current flowing in a long thin conductor generates a flux density around it:
)
T
(
0
r
I
2
μ
B
P
⋅
=
π
with
I
P
the current to be measured (A)
r
the distance from the center of the wire (m)
µ
0
the permeability of vacuum (physical constant, µ
0 = 4.π. 10
-7
H/m)
Figure 8: Minisens orientation to measure the magnetic field generated by a current along a conductor
If Minisens is now placed in the vicinity of the conductor (with its sensitivity direction colinear to the flux density B), it will sense
the flux density and the output voltage will be:
)
V
(
10
2
.
1
4
0
r
I
r
I
2
μ
G
B
G
V
P
P
B
B
S
⋅
⋅
=
⋅
⋅
=
⋅
=
−
π
where G
B is the Minisens magnetic sensitivity (600 V/T)
The sensitivity is therefore:
)
A
/
V
(
10
2
.
1
4
r
I
V
G
P
S
−
⋅
=
=
The next graph shows how the ouput voltage decreases when r increases.
Note that the sensitivity also depends on the primary conductor shape.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com