Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5400HFS/EM Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400HFS/EM
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400HFS/EM Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5400HFS/EM Datasheet HTML 13Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 14Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 15Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 16Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 17Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 18Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 19Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 20Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
SDENB
SCLK
SDIO
SDO
SDENB
SCLK
SDIO
SDO
InstructionCycle
DataTransferCycle(s)
r/w
N1
N0
-
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
D7
D6
D5
D4
D3
D2
D1
D0
0
3pinConfigurationOutput
4pinConfigurationOutput
Datan
Datan-1
t (Data)
d
InstructionCycle
DataTransferCycle(s)
SDENB
SCLK
SDIO
SDENB
SCLK
SDIO
r/w
N1
N0
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
t (SDENB)
S
tSCLK
t (SDIO)
S
t (SDIO)
h
tSCLKH
tSCLKL
ADS5400-SP
www.ti.com
SLAS669D – SEPTEMBER 2010 – REVISED JANUARY 2014
Figure 6. Serial Interface Write Timing Diagram
Figure 7 shows the serial interface timing diagram for a ADS5400 read operation. SCLK is the serial interface
clock input to ADS5400. Serial data enable SDENB is an active low input to ADS5400. SDIO is serial data in
during the instruction cycle. In 3 pin configuration, SDIO is data out from ADS5400 during the data transfer
cycle(s), while SDO is in a high-impedance state. In 4 pin configuration, SDO is data out from ADS5400 during
the data transfer cycle(s). At the end of the data transfer, SDO will output low on the final falling edge of SCLK
until the rising edge of SDENB when it will 3-state.
Figure 7. Serial Interface Read Timing Diagram
Copyright © 2010–2014, Texas Instruments Incorporated
17
Product Folder Links: ADS5400-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com