Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5400HFS/EM Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400HFS/EM
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400HFS/EM Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5400HFS/EM Datasheet HTML 18Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 19Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 20Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 21Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 22Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 23Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 24Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 25Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
ADS5400-SP
SLAS669D – SEPTEMBER 2010 – REVISED JANUARY 2014
www.ti.com
0
1
set to 1 if writing this register
BIT <6>
Powerdown
0
device active
1
device in low power mode (sleep mode)
BIT <7>
Temperature Sensor
0
temperature sensor inactive
1
temperature sensor active, independent of powerdown bit in Bit<6>,
allows reading of temp sensor while the rest of the ADC is in sleep
mode
Table 11. Serial Register 0x06 (Read or Write)
Address (hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0x06
Data output mode
LVDS termination
LVDS current
Force LVDS outputs
Defaults
0
0
0
0
0
1
0
0
BIT <0:1>
Force LVDS outputs
00 and 01
normal operating mode (LVDS is outputting sampled data bits)
10
forces the LVDS outputs to all logic zeros (data and clock out) - for
level check
11
forces the LVDS outputs to all logic ones (data and clock out) - for
level check
BIT <3:2>
Set LVDS output current
00
2.5mA
01
3.5mA (default)
10
4.5mA
11
5.5mA
BIT <5:4>
Set Internal LVDS termination differential resistor (for LVDS
outputs only)
00 and 01
no internal termination
10
internal 200
Ω resistor selected
11
internal 100
Ω resistor selected
BIT <7:6>
Control Data Output Mode
00
normal mode (LVDS is outputting sampled data bits)
01
scrambled output mode (D11:D1 is XOR'd with D0)
10
output data is replaced with PRBS test pattern (7-bit sequence)
11
output data is replaced with toggling test pattern (all 1s, then all 0s,
then all 1s, etc.....on all bits)
22
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: ADS5400-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com