Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5400HFS/EM Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400HFS/EM
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400HFS/EM Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS5400HFS/EM Datasheet HTML 25Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 26Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 27Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 28Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 29Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 30Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 31Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 32Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
50-55
55-60
60-65
65-70
70-75
75-80
SFDR-dBc
200
300
400
500
600
700
800
900
1000
f
-InputFrequency-MHz
IN
50-52
52-54
54-56
56-58
58-60
SNR-dBFS
f
-InputFrequency-MHz
IN
200
300
400
500
600
700
800
900
1000
ADS5400-SP
www.ti.com
SLAS669D – SEPTEMBER 2010 – REVISED JANUARY 2014
TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 1.5-VPP differential clock, (unless otherwise noted)
SNR vs INPUT FREQUENCY AND SAMPLING FREQUENCY
Figure 24.
SFDR vs INPUT FREQUENCY AND SAMPLING FREQUENCY
Figure 25.
Copyright © 2010–2014, Texas Instruments Incorporated
29
Product Folder Links: ADS5400-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com