Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5400HFS/EM Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400HFS/EM
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400HFS/EM Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5400HFS/EM Datasheet HTML 21Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 22Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 23Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 24Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 25Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 26Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 27Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 28Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
0
50
100 150 200 250 300 350 400 450 500
f-Frequency-MHz
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
ENOB=8.59Bits,
SFDR=57.39dBc,
SINAD=52.98dBFS,
SNR=56.02dBFS,
THD=55.96dBc
0
50
100 150 200 250 300 350 400 450 500
f-Frequency-MHz
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
ENOB=9.02Bits,
SFDR=61.36dBc,
SINAD=55.76dBFS,
SNR=57.39dBFS,
THD=60.81dBc
0
50
100 150 200 250 300 350 400 450 500
f-Frequency-MHz
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
ENOB=9.23Bits,
SFDR=66.57dBc,
SINAD=57.09dBFS,
SNR=58.46dBFS,
THD=62.76dBc
0
50
100 150 200 250 300 350 400 450 500
f-Frequency-MHz
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
ENOB=9.52Bits,
SFDR=71.39dBc,
SINAD=58.99dBFS,
SNR=59.40dBFS,
THD=69.44dBc
ADS5400-SP
www.ti.com
SLAS669D – SEPTEMBER 2010 – REVISED JANUARY 2014
TYPICAL CHARACTERISTICS
Typical plots at TA = 25°C, sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 1.5-VPP differential clock, (unless otherwise noted)
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
FFT FOR 250-MHz INPUT SIGNAL
FFT FOR 0.9-GHz INPUT SIGNAL
Figure 8.
Figure 9.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
FFT FOR 1.3-GHz INPUT SIGNAL
FFT FOR 1.7-GHz INPUT SIGNAL
Figure 10.
Figure 11.
Copyright © 2010–2014, Texas Instruments Incorporated
25
Product Folder Links: ADS5400-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com