Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5400HFS/EM Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400HFS/EM
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400HFS/EM Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5400HFS/EM Datasheet HTML 23Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 24Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 25Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 26Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 27Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 28Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 29Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 30Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
AV
-SupplyVoltage-V
DD
T =-40°C
A
T =-20°C
A
T =85°C
A
T =0°C
A
T =100°C
A
T =-55°C
A
T =25°C
A
T =125°C
A
T =55°C
A
64
66
68
70
72
74
f
=100.33MHz,
f =1GSPS
IN
s
T =85°C
A
T =0°C
A
T =55°C
A
T =-20°C
A
T =25°C
A
T =-55°C
A
T =100°C
A
T =125°C
A
f
=100.33MHz,
f =1GSPS
IN
s
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
AV
-SupplyVoltage-V
DD
T =-40°C
A
57.5
58
58.5
59
59.5
60
-87
-77
-67
-57
-47
-37
-27
-17
-7
Input Amplitude-dBFS
0
20
40
60
80
100
120
f =1GSPS,
s
f
=747.5MHz,
f
=752.5MHz
IN1
IN2
2F2-F1(dBFS)
2F1-F2(dBFS)
WorstSpur(dBFS)
WorstSpur(dBc)
2F2-F1 (dBFS)
2F1-F2 (dBFS)
Worst Spur (dBFS)
Worst Spur (dBc)
-87
-77
-67
-57
-47
-37
-27
-17
-7
Input Amplitude - dBFS
0
20
40
60
80
100
120
f = 1 GSPS,
s
f
= 1197.5 MHz,
f
= 1202.5 MHz
IN1
IN2
ADS5400-SP
www.ti.com
SLAS669D – SEPTEMBER 2010 – REVISED JANUARY 2014
TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 1.5-VPP differential clock, (unless otherwise noted)
AC PERFORMANCE
AC PERFORMANCE
vs
vs
INPUT AMPLITUDE
INPUT AMPLITUDE
(747.5-MHz AND 752.5-MHz TWO-TONE INPUT SIGNAL)
(1197.5-MHz AND 1202.5-MHz TWO-TONE INPUT SIGNAL)
Figure 16.
Figure 17.
SFDR
SNR
vs
vs
AVDD5 ACROSS TEMPERATURE
AVDD5 ACROSS TEMPERATURE
Figure 18.
Figure 19.
Copyright © 2010–2014, Texas Instruments Incorporated
27
Product Folder Links: ADS5400-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com