Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5400HFS/EM Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400HFS/EM
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400HFS/EM Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5400HFS/EM Datasheet HTML 24Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 25Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 26Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 27Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 28Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 29Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 30Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 31Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
3
3.1
3.2
3.3
3.4
3.5
3.6
T =85°C
A
T =0°C
A
T =55°C
A
T =-20°C
A
T =25°C
A
T =-55°C
A
T =100°C
A
T =125°C
A
DV
-SupplyVoltage-V
DD
64
66
68
70
72
74
T =-40°C
A
f
=100.33MHz,
f =1GSPS
IN
s
57
57.5
58
58.5
59
59.5
60
3
3.1
3.2
3.3
3.4
3.5
3.6
T =85°C
A
T =0°C
A
T =55°C
A
T =-20°C
A
T =25°C
A
T =-55°C
A
T =100°C
A
T =125°C
A
f
=100.33MHz,
f =1GSPS
IN
s
DV
-SupplyVoltage-V
DD
T =-40°C
A
57
58
59
60
61
3.1 3.15 3.2 3.25 3.3 3.35 3.4 3.45 3.5 3.55 3.6
T =85°C
A
T =0°C
A
T =55°C
A
T =-20°C
A
T =25°C
A
T =-55°C
A
T =100°C
A
T =125°C
A
f
=100.33MHz,
f =1GSPS
IN
s
AV
-SupplyVoltage-V
DD
T =-40°C
A
65
67
69
71
73
75
3.1 3.15 3.2 3.25 3.3 3.35 3.4 3.45 3.5 3.55 3.6
T =85°C
A
T =0°C
A
T =55°C
A
T =-20°C
A
T =25°C
A
T =-55°C
A
T =100°C
A
T =125°C
A
f
=100.33MHz,
f =1GSPS
IN
s
AV
-SupplyVoltage-V
DD
T =-40°C
A
ADS5400-SP
SLAS669D – SEPTEMBER 2010 – REVISED JANUARY 2014
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical plots at TA = 25°C, sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 1.5-VPP differential clock, (unless otherwise noted)
SFDR
SNR
vs
vs
AVDD3 ACROSS TEMPERATURE
AVDD3 ACROSS TEMPERATURE
Figure 20.
Figure 21.
SFDR
SNR
vs
vs
DVDD3 ACROSS TEMPERATURE
DVDD3 ACROSS TEMPERATURE
Figure 22.
Figure 23.
28
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: ADS5400-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com