Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9IMT8/NOPB Datasheet(PDF) 43 Page - Texas Instruments

Part # COP8CCR9IMT8/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT8/NOPB Datasheet(HTML) 43 Page - Texas Instruments

Back Button COP8CCR9IMT8/NOPB Datasheet HTML 39Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 40Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 41Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 42Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 43Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 44Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 45Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 46Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
Figure 5-9. Functional Block Diagram for Idle Timer T0
Table 5-13. Idle Timer Window Length
Idle Timer Period
ITSEL2
ITSEL1
ITSEL0
High Speed
Dual Clock or
Mode
Low Speed Mode
0
0
0
4,096 inst. cycles
0.125 seconds
0
0
1
8,192 inst. cycles
0.25 seconds
0
1
0
16,384 inst. cycles
0.5 seconds
0
1
1
32,768 inst. cycles
1 second
1
0
0
65,536 inst. cycles
2 seconds
1
0
1
Reserved - Undefined
1
1
0
Reserved - Undefined
1
1
1
Reserved - Undefined
The ITSEL bits of the ITMR register are cleared on Reset and the Idle Timer period is reset to 4,096
instruction cycles.
5.11.1.1 ITMR Register
CCK
LSON
HSON
DCEN
RSVD
ITSEL2
ITSEL1
ITSEL0
SEL
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bits 7–4:
Described in Power Saving Features.
NOTE
Documentation for previous COP8 devices, which included the Programmable Idle Timer,
recommended the user write zero to the high order bits of the ITMR Register. If existing
programs are updated to use this device, writing zero to these bits will cause the device to
reset (see Power Saving Features).
RSVD: This bit is reserved and must be set to 0.
ITSEL2:0: Selects the Idle Timer period as described in Table 5-13, Idle Timer Window Length.
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
43
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com