Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9IMT8/NOPB Datasheet(PDF) 91 Page - Texas Instruments

Part # COP8CCR9IMT8/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT8/NOPB Datasheet(HTML) 91 Page - Texas Instruments

Back Button COP8CCR9IMT8/NOPB Datasheet HTML 87Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 88Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 89Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 90Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 91Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 92Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 93Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 94Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
The available addressing modes are:
•
Direct
•
Register B or X Indirect
•
Register B or X Indirect with Post-Incrementing/Decrementing
•
Immediate
•
Immediate Short
•
Indirect from Program Memory
The addressing modes are described below. Each description includes an example of an assembly
language instruction using the described addressing mode.
Direct. The memory address is specified directly as a byte in the instruction. In assembly language, the
direct address is written as a numerical value (or a label that has been defined elsewhere in the program
as a numerical value).
Example:
Load Accumulator Memory Direct
LD A,05
Reg/Data
Contents
Contents
Memory
Before
After
Accumulator
XX Hex
A6 Hex
Memory Location
A6 Hex
A6 Hex
0005 Hex
Register B or X Indirect. The memory address is specified by the contents of the B Register or X register
(pointer register). In assembly language, the notation [B] or [X] specifies which register serves as the
pointer.
Example:
Exchange Memory with Accumulator, B Indirect
X A,[B]
Reg/Data
Contents
Contents
Memory
Before
After
Accumulator
01 Hex
87 Hex
Memory Location
87 Hex
01 Hex
0005 Hex
B Pointer
05 Hex
05 Hex
Register B or X Indirect with Post-Incrementing/Decrementing. The relevant memory address is
specified by the contents of the B Register or X register (pointer register). The pointer register is
automatically incremented or decremented after execution, allowing easy manipulation of memory blocks
with software loops. In assembly language, the notation [B+], [B
−], [X+], or [X−] specifies which register
serves as the pointer, and whether the pointer is to be incremented or decremented.
Example:
Exchange Memory with Accumulator, B Indirect with Post-Increment
X A,[B+]
Reg/Data
Contents
Contents
Memory
Before
After
Accumulator
03 Hex
62 Hex
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
91
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com