Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9IMT8/NOPB Datasheet(PDF) 79 Page - Texas Instruments

Part # COP8CCR9IMT8/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT8/NOPB Datasheet(HTML) 79 Page - Texas Instruments

Back Button COP8CCR9IMT8/NOPB Datasheet HTML 75Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 76Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 77Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 78Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 79Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 80Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 81Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 82Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
The Software Trap indicates an unusual or unknown error condition. Generally, returning to normal
execution at the point where the Software Trap occurred cannot be done reliably. Therefore, the Software
Trap service routine should re-initialize the stack pointer and perform a recovery procedure that re-starts
the software at some known point, similar to a device Reset, but not necessarily performing all the same
functions as a device Reset. The routine must also execute the RPND instruction to reset the STPND flag.
Otherwise, all other interrupts will be locked out. To the extent possible, the interrupt routine should record
or indicate the context of the device so that the cause of the Software Trap can be determined.
If the user wishes to return to normal execution from the point at which the Software Trap was triggered,
the user must first execute RPND, followed by RETSK rather than RETI or RET. This is because the
return address stored on the stack is the address of the INTR instruction that triggered the interrupt. The
program must skip that instruction in order to proceed with the next one. Otherwise, an infinite loop of
Software Traps and returns will occur.
Programming a return to normal execution requires careful consideration. If the Software Trap routine is
interrupted by another Software Trap, the RPND instruction in the service routine for the second Software
Trap will reset the STPND flag; upon return to the first Software Trap routine, the STPND flag will have the
wrong state. This will allow maskable interrupts to be acknowledged during the servicing of the first
Software Trap. To avoid problems such as this, the user program should contain the Software Trap
routine to perform a recovery procedure rather than a return to normal execution.
Under normal conditions, the STPND flag is reset by a RPND instruction in the Software Trap service
routine. If a programming error or hardware condition (brownout, power supply glitch, etc.) sets the
STPND flag without providing a way for it to be cleared, all other interrupts will be locked out. To alleviate
this condition, the user can use extra RPND instructions in the main program and in the Watchdog service
routine (if present). There is no harm in executing extra RPND instructions in these parts of the program.
Figure 5-25. VIS Flow Chart
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
79
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com