Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9IMT8/NOPB Datasheet(PDF) 83 Page - Texas Instruments

Part # COP8CCR9IMT8/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT8/NOPB Datasheet(HTML) 83 Page - Texas Instruments

Back Button COP8CCR9IMT8/NOPB Datasheet HTML 79Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 80Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 81Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 82Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 83Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 84Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 85Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 86Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
1/tC < 10 Hz—Ensured clock rejection.
Table 5-28. WATCHDOG Service Actions
Key
Window
Clock
Action
Data
Data
Monitor
Match
Match
Match
Valid Service: Restart Service Window
Don't Care
Mismatch
Don't Care
Error: Generate WATCHDOG Output
Mismatch
Don't Care
Don't Care
Error: Generate WATCHDOG Output
Don't Care
Don't Care
Mismatch
Error: Generate WATCHDOG Output
5.16.3 WATCHDOG AND CLOCK MONITOR SUMMARY
The following salient points regarding the WATCHDOG and CLOCK MONITOR should be noted:
•
Both the WATCHDOG and CLOCK MONITOR detector circuits are inhibited during RESET.
•
Following RESET, the WATCHDOG and CLOCK MONITOR are both enabled, with the WATCHDOG
having the maximum service window selected.
•
The WATCHDOG service window and CLOCK MONITOR enable/disable option can only be changed
once, during the initial WATCHDOG service following RESET.
•
The initial WATCHDOG service must match the key data value in the WATCHDOG Service register
WDSVR in order to avoid a WATCHDOG error.
•
Subsequent WATCHDOG services must match all three data fields in WDSVR in order to avoid
WATCHDOG errors.
•
The correct key data value cannot be read from the WATCHDOG Service register WDSVR. Any
attempt to read this key data value of 01100 from WDSVR will read as key data value of all 0's.
•
The WATCHDOG detector circuit is inhibited during both the HALT and IDLE modes.
•
The CLOCK MONITOR detector circuit is active during both the HALT and IDLE modes. Consequently,
the device inadvertently entering the HALT mode will be detected as a CLOCK MONITOR error
(provided that the CLOCK MONITOR enable option has been selected by the program). Likewise, a
device with WATCHDOG enabled in the Option but with the WATCHDOG output not connected to
RESET, will draw excessive HALT current if placed in the HALT mode. The clock Monitor will pull the
WATCHDOG output low and sink current through the on-chip pull-up resistor.
•
The WATCHDOG service window will be set to its selected value from WDSVR following HALT.
Consequently, the WATCHDOG should not be serviced for at least 2048 Idle Timer clocks following
HALT, but must be serviced within the selected window to avoid a WATCHDOG error.
•
The IDLE timer T0 is not initialized with external RESET.
•
The user can sync in to the IDLE counter cycle with an IDLE counter (T0) interrupt or by monitoring the
T0PND flag. The T0PND flag is set whenever the selected bit of the IDLE counter toggles (every 4, 8,
16, 32 or 64k Idle Timer clocks). The user is responsible for resetting the T0PND flag.
•
A hardware WATCHDOG service occurs just as the device exits the IDLE mode. Consequently, the
WATCHDOG should not be serviced for at least 2048 Idle Timer clocks following IDLE, but must be
serviced within the selected window to avoid a WATCHDOG error.
•
Following RESET, the initial WATCHDOG service (where the service window and the CLOCK
MONITOR enable/disable must be selected) may be programmed anywhere within the maximum
service window (65,536 instruction cycles) initialized by RESET. Note that this initial WATCHDOG
service may be programmed within the initial 2048 instruction cycles without causing a WATCHDOG
error.
•
When using any of the ISP functions in Boot ROM, the ISP routines will service the WATCHDOG
within the selected upper window. Upon return to flash memory, the WATCHDOG is serviced, the
lower window is enabled, and the user can service the WATCHDOG anytime following exit from Boot
ROM, but must service it within the selected upper window to avoid a WATCHDOG error.
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
83
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com