Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9IMT8/NOPB Datasheet(PDF) 92 Page - Texas Instruments

Part # COP8CCR9IMT8/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT8/NOPB Datasheet(HTML) 92 Page - Texas Instruments

Back Button COP8CCR9IMT8/NOPB Datasheet HTML 88Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 89Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 90Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 91Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 92Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 93Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 94Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 95Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Reg/Data
Contents
Contents
Memory
Before
After
Memory Location
62 Hex
03 Hex
0005 Hex
B Pointer
05 Hex
06 Hex
Intermediate. The data for the operation follows the instruction opcode in program memory. In assembly
language, the number sign character (#) indicates an immediate operand.
Example:
Load Accumulator Immediate
LD A,#05
Reg/Data
Contents
Contents
Memory
Before
After
Accumulator
XX Hex
05 Hex
Immediate Short. This is a special case of an immediate instruction. In the “Load B immediate”
instruction, the 4-bit immediate value in the instruction is loaded into the lower nibble of the B register. The
upper nibble of the B register is reset to 0000 binary.
Example:
Load B Register Immediate Short
LD B,#7
Reg/Data
Contents
Contents
Memory
Before
After
B Pointer
12 Hex
07 Hex
Indirect from Program Memory. This is a special case of an indirect instruction that allows access to
data tables stored in program memory. In the “Load Accumulator Indirect” (LAID) instruction, the upper
and lower bytes of the Program Counter (PCU and PCL) are used temporarily as a pointer to program
memory. For purposes of accessing program memory, the contents of the Accumulator and PCL are
exchanged. The data pointed to by the Program Counter is loaded into the Accumulator, and
simultaneously, the original contents of PCL are restored so that the program can resume normal
execution.
Example:
Load Accumulator Indirect
LAID
Reg/Data
Contents
Contents
Memory
Before
After
PCU
04 Hex
04 Hex
PCL
35 Hex
36 Hex
Accumulator
1F Hex
25 Hex
Memory Location
25 Hex
25 Hex
041F Hex
5.19.3.2 Tranfer-of-Control Addressing Modes
Program instructions are usually executed in sequential order. However, Jump instructions can be used to
change the normal execution sequence. Several transfer-of-control addressing modes are available to
specify jump addresses.
92
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com