Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8CCR9IMT8/NOPB Datasheet(PDF) 44 Page - Texas Instruments

Part # COP8CCR9IMT8/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT8/NOPB Datasheet(HTML) 44 Page - Texas Instruments

Back Button COP8CCR9IMT8/NOPB Datasheet HTML 40Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 41Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 42Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 43Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 44Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 45Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 46Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 47Page - Texas Instruments COP8CCR9IMT8/NOPB Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Any time the IDLE Timer period is changed there is the possibility of generating a spurious IDLE Timer
interrupt by setting the T0PND bit. The user is advised to disable IDLE Timer interrupts prior to changing
the value of the ITSEL bits of the ITMR Register and then clear the T0PND bit before attempting to
synchronize operation to the IDLE Timer.
5.11.2 TIMER T1, TIMER T2, AND TIMER T3
The device has a set of three powerful timer/counter blocks, T1, T2, and T3. Since T1, T2 and T3 are
identical, except for the high speed operation of T2 and T3, all comments are equally applicable to any of
the three timer blocks which will be referred to as Tx. Differences between the timers will be specifically
noted.
Each timer block consists of a 16-bit timer, Tx, and two supporting 16-bit autoreload/capture registers,
RxA and RxB. Each timer block has two pins associated with it, TxA and TxB. The pin TxA supports I/O
required by the timer block, while the pin TxB is an input to the timer block. The timer block has three
operating modes: Processor Independent PWM mode, External Event Counter mode, and Input Capture
mode.
The control bits TxC3, TxC2, and TxC1 allow selection of the different modes of operation.
5.11.2.1 Timer Operating Speeds
Each of the Tx timers, except T1, have the ability to operate at either the instruction cycle frequency (low
speed) or the internal clock frequency (MCLK). For 10 MHz CKI, the instruction cycle frequency is 2 MHz
and the internal clock frequency is 20 MHz. This feature is controlled by the High Speed Timer Control
Register, HSTCR. Its format is shown below. To place a timer, Tx, in high speed mode, set the
appropriate TxHS bit to 1. For low speed operation, clear the appropriate TxHS bit to 0. This register is
cleared to 00 on Reset.
HSTCR
Bit
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
1
0
0
0
0
0
0
0
T3HS
T2HS
5.11.2.2 Mode 1. Processor Independent PWM Mode
One of the timer's operating modes is the Processor Independent PWM mode. In this mode, the timers
generate a “Processor Independent” PWM signal because once the timer is set up, no more action is
required from the CPU which translates to less software overhead and greater throughput. The user
software services the timer block only when the PWM parameters require updating. This capability is
provided by the fact that the timer has two separate 16-bit reload registers. One of the reload registers
contains the “ON” time while the other holds the “OFF” time. By contrast, a microcontroller that has only a
single reload register requires an additional software to update the reload value (alternate between the on-
time/off-time).
The timer can generate the PWM output with the width and duty cycle controlled by the values stored in
the reload registers. The reload registers control the countdown values and the reload values are
automatically written into the timer when it counts down through 0, generating interrupt on each reload.
Under software control and with minimal overhead, the PWM outputs are useful in controlling motors,
triacs, the intensity of displays, and in providing inputs for data acquisition and sine wave generators.
In this mode, the timer Tx counts down at a fixed rate of tC (T2 and T3 may be selected to operate from
MCLK). Upon every underflow the timer is alternately reloaded with the contents of supporting registers,
RxA and RxB. The very first underflow of the timer causes the timer to reload from the register RxA.
Subsequent underflows cause the timer to be reloaded from the registers alternately beginning with the
register RxB.
Figure 5-10 shows a block diagram of the timer in PWM mode.
44
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com