Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COILTRONICSDR125-221-R,or Datasheet(PDF) 3 Page - Texas Instruments

Part # COILTRONICSDR125-221-R,or
Description  SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COILTRONICSDR125-221-R,or Datasheet(HTML) 3 Page - Texas Instruments

  COILTRONICSDR125-221-R,or Datasheet HTML 1Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 2Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 3Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 4Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 5Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 6Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 7Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 8Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SM74301
www.ti.com
SNVS719A – JULY 2011
Absolute Maximum Ratings
(1) (2)
VIN to GND
-0.3V to 100V
BST to GND
-0.3V to 114V
SW to GND (Steady State)
-1V
ESD Rating (3)
Human Body Model
2kV
BST to VCC
100V
BST to SW
14V
VCC to GND
14V
All Other Inputs to GND
-0.3 to 7V
Lead Temperature (Soldering 4 sec)
260°C
Storage Temperature Range
-55°C to +150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The ESD rating for pin 2, pin 7, and pin
8 is 1 kV.
Operating Ratings
(1) (2)
VIN
6V to 95V
Operating Junction Temperature
−40°C to + 125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
For detailed information on soldering plastic VSSOP and WSON packages, refer to the Packaging website available from TI.
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, unless otherwise stated
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC Supply
Vcc Reg
Vcc Regulator Output
Vin = 48V
6.6
7
7.4
V
Vin – Vcc
6V < Vin < 8.5V
100
mV
Vcc Bypass Threshold
Vin Increasing
8.5
V
Vcc Bypass Hysteresis
300
mV
Vcc Output Impedance
Vin =6V
100
Ω
Vin = 10V
8.8
Ω
Vin = 48V
0.8
Ω
Vcc Current Limit(2)
Vin = 48V
9.2
mA
Vcc UVLO
Vcc Increasing
5.3
V
Vcc UVLO hysteresis
190
mV
Vcc UVLO filter delay
3
µs
Iin Operating current
FB = 3V, Vin = 48V
550
750
µA
Iin Shutdown Current
RT/SD = 0V
110
176
µA
(1)
All electrical characteristics having room temperature limits are tested during production with TA = TJ = 25°C. All hot and cold limits are
specified by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
(2)
The VCC output is intended as a self bias for the internal gate drive power and control circuits. Device thermal limitations limit external
loading.
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SM74301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com