Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COILTRONICSDR125-221-R,or Datasheet(PDF) 12 Page - Texas Instruments

Part # COILTRONICSDR125-221-R,or
Description  SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COILTRONICSDR125-221-R,or Datasheet(HTML) 12 Page - Texas Instruments

Back Button COILTRONICSDR125-221-R,or Datasheet HTML 8Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 9Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 10Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 11Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 12Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 13Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 14Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 15Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
FB
VIN
SW
RTN
BST
SM74301
8
6
5
3
4
1
2
7
SHUTDOWN
VCC
RCL
RT/SD
12V - 95V
Input
324k
C1
1.0 PF
RT
RCL
332k
RFB1
1.0k
RFB2
3.01k
R3
3.0
GND
C2
22 PF
VOUT
10.0V
L1
220 PH
C3
0.47 PF
C4
0.01 PF
D1
C5
0.1 PF
SM74301
SNVS719A – JULY 2011
www.ti.com
If the internal dissipation of the SM74301 produces excessive junction temperatures during normal operation,
good use of the pc board’s ground plane can help considerably to dissipate heat. The exposed pad on the
bottom of the WSON-8 package can be soldered to a ground plane on the PC board, and that plane should
extend out from beneath the IC to help dissipate the heat. Additionally, the use of wide PC board traces, where
possible, can also help conduct heat away from the IC. Judicious positioning of the PC board within the end
product, along with use of any available air flow (forced or natural convection) can help reduce the junction
temperatures.
Figure 12. SM74301 Example Circuit
Table 1. Bill of Materials
Item
Description
Part Number
Value
C1
Ceramic Capacitor
TDK C4532X7R2A105M
1 µF, 100V
C2
Ceramic Capacitor
TDK C4532X7R1E226M
22 µF, 25V
C3
Ceramic Capacitor
Kemet C1206C474K5RAC
0.47 µF, 50V
C4
Ceramic Capacitor
Kemet C1206C103K5RAC
0.01 µF, 50V
C5
Ceramic Capacitor
TDK C3216X7R2A104M
0.1 µF, 100V
D1
Schottky Power Diode
Diodes Inc. DFLS1100
100V, 1A
L1
Power Inductor
COILTRONICS DR125-221-R, or
220 µH
TDK SLF10145T-221MR65
RFB2
Resistor
Vishay CRCW12063011F
3.01 k
Ω
RFB1
Resistor
Vishay CRCW12061001F
1.0 k
Ω
R3
Resistor
Vishay CRCW12063R00F
3.0
Ω
RT
Resistor
Vishay CRCW12063243F
324 k
Ω
RCL
Resistor
Vishay CRCW12063323F
332 k
Ω
U1
Switching Regulator
TI SM74301
12
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: SM74301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com