Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COILTRONICSDR125-221-R,or Datasheet(PDF) 6 Page - Texas Instruments

Part # COILTRONICSDR125-221-R,or
Description  SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COILTRONICSDR125-221-R,or Datasheet(HTML) 6 Page - Texas Instruments

Back Button COILTRONICSDR125-221-R,or Datasheet HTML 2Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 3Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 4Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 5Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 6Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 7Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 8Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 9Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
F =
VOUT
2 x L x 1.04 x 1020
RL x (RT)
2
Q
Q
FB
VIN
VCC
SW
RTN
ON TIMER
DRIVER
Vin
BST
LEVEL
SHIFT
THERMAL
SHUTDOWN
FINISH
START
RCL
FINISH
START
RT
L1
R
VCC
UVLO
FB
D1
UVLO
REGULATION
COMPARATOR
SD
FINISH
START
REGULATOR
CURRENT LIMIT
OFF TIMER
SHUTDOWN
GD
BUCK
SWITCH
CURRENT
SENSE
GND
SM74301
7V BIAS
BYPASS
SWITCH
RT
2.875V
VINSENSE
Q2
C1
C5
6V to 95V
Input
RT/SD
0.7V
300 ns MIN
OFF TIMER
CLR
R
SET
S
0.51A
C2
C3
VOUT
R3
RFB1
FB2
RCL
RCL
2.5V
OVER-VOLTAGE
COMPARATOR
CHARGE
PRE -
C4
SM74301
SNVS719A – JULY 2011
www.ti.com
Block Diagram
FUNCTIONAL DESCRIPTION
The SM74301 Step Down Switching Regulator features all the functions needed to implement a low cost,
efficient, Buck bias power converter. This high voltage regulator contains a 100 V N-Channel Buck Switch, is
easy to implement and is provided in the VSSOP-8 and the thermally enhanced WSON-8 packages. The
regulator is based on a control scheme using an on-time inversely proportional to VIN. The control scheme
requires no loop compensation. Current limit is implemented with forced off-time, which is inversely proportional
to VOUT. This scheme ensures short circuit control while providing minimum foldback.
The SM74301 can be applied in numerous applications to efficiently regulate down higher voltages. This
regulator is well suited for high voltage PV panels, 48 Volt Telecom, and the 42V Automotive power bus ranges.
Features include: Thermal Shutdown, VCC under-voltage lockout, Gate drive under-voltage lockout, Max Duty
Cycle limit timer, intelligent current limit off timer, and a pre-charge switch.
Control Circuit Overview
The SM74301 is a Buck DC-DC regulator that uses a control scheme in which the on-time varies inversely with
line voltage (VIN). Control is based on a comparator and the on-time one-shot, with the output voltage feedback
(FB) compared to an internal reference (2.5V). If the FB level is below the reference the buck switch is turned on
for a fixed time determined by the line voltage and a programming resistor (RT). Following the ON period the
switch will remain off for at least the minimum off-timer period of 300ns. If FB is still below the reference at that
time the switch will turn on again for another on-time period. This will continue until regulation is achieved.
The SM74301 operates in discontinuous conduction mode at light load currents, and continuous conduction
mode at heavy load current. In discontinuous conduction mode, current through the output inductor starts at zero
and ramps up to a peak during the on-time, then ramps back to zero before the end of the off-time. The next on-
time period starts when the voltage at FB falls below the internal reference - until then the inductor current
remains zero. In this mode the operating frequency is lower than in continuous conduction mode, and varies with
load current. Therefore at light loads the conversion efficiency is maintained, since the switching losses reduce
with the reduction in load and frequency. The discontinuous operating frequency can be calculated as follows:
6
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: SM74301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com