Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COILTRONICSDR125-221-R,or Datasheet(PDF) 1 Page - Texas Instruments

Part # COILTRONICSDR125-221-R,or
Description  SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COILTRONICSDR125-221-R,or Datasheet(HTML) 1 Page - Texas Instruments

  COILTRONICSDR125-221-R,or Datasheet HTML 1Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 2Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 3Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 4Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 5Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 6Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 7Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 8Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT/SD
FB
VIN
SW
RTN
BST
6V - 95V
Input
SM74301
SHUTDOWN
RCL
VCC
VIN
GND
RCL
RT
C1
C3
C4
L1
D1
RFB2
RFB1
R3
C2
GND
VOUT
SM74301
www.ti.com
SNVS719A – JULY 2011
SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
Check for Samples: SM74301
1
FEATURES
PACKAGE
2
•
Renewable Energy Grade
•
VSSOP-8
•
Operating Input Voltage Range: 6V to 95V
•
WSON-8 (4mm x 4mm)
•
Integrated 100V, N-Channel Buck Switch
DESCRIPTION
•
Internal Start-Up Regulator
The SM74301 is a Constant On-Time (COT) Buck
•
No Loop Compensation Required
Switching
Regulator
which
operates
at
a
low
•
Ultra-Fast Transient Response
minimum input voltage of 6V and does not require a
minimum load current as some other COT parts.
•
On Time Varies Inversely with Input Voltage
•
Operating Frequency Remains Constant with
The
SM74301
Step
Down
Switching
Regulator
Varying Line Voltage and Load Current
features all of the functions needed to implement a
low cost, efficient, Buck bias regulator. This high
•
Adjustable Output Voltage from 2.5V
voltage regulator contains a 100V N-Channel Buck
•
Highly Efficient Operation
Switch. The device is easy to implement and is
•
Precision Internal Reference
provided in the VSSOP-8 and the thermally enhanced
WSON-8 packages. The regulator is based on a
•
Low Bias Current
control
scheme
using
an
ON
time
inversely
•
Intelligent Current Limit
proportional to VIN. This feature allows the operating
•
Thermal Shutdown
frequency to remain relatively constant. The control
scheme requires no loop compensation. An intelligent
current limit is implemented with forced OFF time,
TYPICAL APPLICATIONS
which is inversely proportional to Vout. This scheme
•
High Voltage Photovoltaic Systems
ensures short circuit control while providing minimum
•
Non-Isolated Telecommunication Buck
foldback. Other features include: Thermal Shutdown,
Regulator
VCC under-voltage lockout, Gate drive under-voltage
lockout, Max Duty Cycle limiter, and a pre-charge
•
Secondary High Voltage Post Regulator
switch.
Typical Application, Basic Step-Down Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - COILTRONICSDR125-221-R,or

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
COILUAB L-COM-COILUAB Datasheet
53Kb / 1P
OUTLINE DRAWING
10/01/2004
COILUAB-OD1 L-COM-COILUAB-OD1 Datasheet
53Kb / 1P
OUTLINE DRAWING
10/01/2004
More results

Similar Description - COILTRONICSDR125-221-R,or

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
100V, 350 mA Constant On-Time Buck Switching Regulator
LM5009A NSC-LM5009A Datasheet
401Kb / 16P
100V, 150 mA Constant On-Time Buck Switching Regulator
SM72485 NSC-SM72485 Datasheet
448Kb / 16P
SolarMagic 100V, 150 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI-LM5008A Datasheet
1Mb / 23P
100-V 350-mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
80V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
350 mA Constant On-Time Buck Switching Regulator
LM5009A TI1-LM5009A_14 Datasheet
1Mb / 22P
100V, 150 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
80V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
100-V 350-mA Constant On-Time Buck Switching Regulator
SM72485 TI-SM72485_15 Datasheet
1Mb / 23P
100V, 150 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com