Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COILTRONICSDR125-221-R,or Datasheet(PDF) 8 Page - Texas Instruments

Part # COILTRONICSDR125-221-R,or
Description  SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COILTRONICSDR125-221-R,or Datasheet(HTML) 8 Page - Texas Instruments

Back Button COILTRONICSDR125-221-R,or Datasheet HTML 4Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 5Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 6Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 7Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 8Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 9Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 10Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 11Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
UVLO
7 V
SW Pin
Inductor
Current
Vin
t 2
ILIM
VCC
VIN
t1
t 3
IO
0V
VOUT
SM74301
SNVS719A – JULY 2011
www.ti.com
Figure 10. Startup Sequence
Regulation Comparator
The feedback voltage at FB is compared to an internal 2.5V reference. In normal operation (the output voltage is
regulated), an on-time period is initiated when the voltage at FB falls below 2.5V. The buck switch will stay on for
the on-time, causing the FB voltage to rise above 2.5V. After the on-time period, the buck switch will stay off until
the FB voltage again falls below 2.5V. During start-up, the FB voltage will be below 2.5V at the end of each on-
time, resulting in the minimum off-time of 300 ns. Bias current at the FB pin is nominally 100 nA.
Over-Voltage Comparator
The feedback voltage at FB is compared to an internal 2.875V reference. If the voltage at FB rises above 2.875V
the on-time pulse is immediately terminated. This condition can occur if the input voltage, or the output load,
change suddenly. The buck switch will not turn on again until the voltage at FB falls below 2.5V.
On-Time Generator and Shutdown
The on-time for the SM74301 is determined by the RT resistor, and is inversely proportional to the input voltage
(Vin), resulting in a nearly constant frequency as Vin is varied over its range. The on-time equation for the
SM74301 is:
TON = 1.385 x 10
-10 x R
T / VIN
(4)
8
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: SM74301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com