Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COILTRONICSDR125-221-R,or Datasheet(PDF) 5 Page - Texas Instruments

Part # COILTRONICSDR125-221-R,or
Description  SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COILTRONICSDR125-221-R,or Datasheet(HTML) 5 Page - Texas Instruments

  COILTRONICSDR125-221-R,or Datasheet HTML 1Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 2Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 3Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 4Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 5Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 6Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 7Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 8Page - Texas Instruments COILTRONICSDR125-221-R,or Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
35
VFB (V)
300k
RCL = 500k
100k
50k
SM74301
www.ti.com
SNVS719A – JULY 2011
Typical Performance Characteristics
Efficiency vs. Load Current and VIN
(Circuit of Figure 12)
VCC vs. VIN
Figure 3.
Figure 4.
ON-Time vs Input Voltage and RT
Current Limit Off-Time vs. VFB and RCL
Figure 5.
Figure 6.
Maximum Frequency vs. VOUT and VIN
ICC Current vs. Applied VCC Voltage
Figure 7.
Figure 8.
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SM74301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com