Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8962B Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 31Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 32Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 33Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 34Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 35Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 36Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 37Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 38Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 295 page
background image
WM8962
Rev 4.3
35
The POR
¯¯¯ signal is undefined until AVDD has exceeded the minimum threshold, Vpora Once this
threshold has been exceeded, POR
¯¯¯ is asserted low and the chip is held in reset. In this condition, all
writes to the control interface are ignored. Once AVDD and DCVDD have reached their respective
power on thresholds, POR
¯¯¯ is released high, all registers are in their default state, and writes to the
control interface may take place.
A secondary reset circuit is associated with the PLLVDD supply. The PLLs are disabled and the
associated registers are undefined when PLLVDD is below its minimum threshold.
Note that a minimum power-on reset period, TPOR, applies even if AVDD and DCVDD have zero rise
time. (This specification is guaranteed by design rather than test.)
On power down, POR
¯¯¯ is asserted low when any of AVDD or DCVDD falls below their respective
power-down thresholds.
Typical Power-On Reset parameters for the WM8962 are defined in Table 1.
SYMBOL
DESCRIPTION
TYP
UNIT
Vpora
AVDD threshold below which POR is undefined
0.5
V
Vpora_on
Power-On threshold (AVDD)
1.1
V
Vpora_off
Power-Off threshold (AVDD)
1.1
V
Vpord_on
Power-On threshold (DCVDD)
0.9
V
Vpord_off
Power-Off threshold (DCVDD)
0.65
V
Vporp_on
PLL start-up threshold (PLLVDD)
1.1
V
Vporp_off
PLL reset threshold (PLLVDD)
1.1
V
TPOR
Minimum Power-On Reset period
9.5
s
Table 1 Typical Power-On Reset Parameters
Notes:
1.
If AVDD and DCVDD suffer a brown-out (i.e. drop below the minimum recommended operating
level but do not go below Vpora_off or Vpord_off) then the chip does not reset and resumes normal
operation when the voltage is back to the recommended level again.
2.
The chip enters reset at power down when AVDD or DCVDD falls below Vpora_off or Vpord_off. This
may be important if the supply is turned on and off frequently by a power management system.
3.
The minimum TPOR period is maintained even if DCVDD and AVDD have zero rise time. This
specification is guaranteed by design rather than test.
4.
The WM8962 can operate with PLLVDD tied to 0V, but the crystal oscillator, PLLs and CLKOUT
functions will not be supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com