Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8962B Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 39Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 40Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 41Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 42Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 43Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 44Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 45Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 46Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 295 page
background image
WM8962
Rev 4.3
43
MULTIPLE PUSH BUTTON DETECTION
The MICDET_THR and MICSHORT_THR current detection thresholds can be used to detect
accessory insertion and hook switch status as described above. The WM8962 can also be configured
to support multiple button detection, as illustrated in Figure 18.
Multiple push button detection is supported using carefully chosen resistors to distinguish one push
button from another, and by using the WM8962 Analogue to Digital Converter (ADC) to measure the
potential divider formed between the MICBIAS resistor and the push button resistors.
The push buttons are connected in parallel, each with a uniquely-valued series resistor. Assertion of
any of the push buttons will result in a different voltage measurement, depending on which button has
been pressed.
The resistor values must be carefully selected to ensure that each push button can be reliably and
uniquely recognised. It must also be ensured that the DC connection (to pin IN4L as illustrated in
Figure 18) does not exceed the maximum input voltage for that pin. Note that the MICBIAS voltage
may need to be reduced as a result.
Note that the IN1L and IN4L input paths should not be enabled simultaneously as inputs to the PGA.
As a result, it should be noted that the microphone/line audio input path to the PGA cannot be
supported at the same time as DC measurement via the same PGA.
In a typical application, the MICBIAS short circuit detect feature should be used to detect a push
button operation in the first instance. When this event has been detected, then IN1L should be
disabled, and IN4L should then be enabled to allow the ADC measurement to determine which button
has been pressed.
The push button detection mechanism described here can be implemented using the IN4L pin or the
IN4R pin. It is not recommended to use any other input pin for push button detection.
When using the DC voltage measurement function, the IN4 pins must be configured using the register
sequence described in Table 4, in order to disconnect these pins from the internal voltage reference.
REGISTER ADDRESS
VALUE
FDh
0001h
CCh
0040h
FDh
0000h
Table 4 Input Pins IN4L and IN4R Configuration for Push Button Detection
When using the ADC to perform DC voltage measurement for push button detection, the ADC High
Pass Filter must be disabled. Se
e “ADC Signal Path Enhancements” for details of the ADC_HPF_DIS
register bit to control this filter. It is recommended to set the PGA gain to 0dB for DC measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com