Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8962B Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 81Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 82Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 83Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 84Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 85Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 86Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 87Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 88Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 295 page
background image
WM8962
Rev 4.3
85
DRC COMPRESSION / EXPANSION / LIMITING
The DRC supports two different compression regions, separated by a “Knee” at a specific input
amplitude. In the region above the knee, the compression slope DRC_HI_COMP applies; in the region
below the knee, the compression slope DRC_LO_COMP applies.
The DRC also supports a noise gate region, where low-level input signals are heavily attenuated. This
function can be enabled or disabled according to the application requirements. The DRC response in
this region is defined by the expansion slope DRC_NG_EXP.
For additional attenuation of signals in the noise gate region, an additional “knee” can be defined
(shown as “Knee2” in Figure 28). When this knee is enabled, this introduces an infinitely steep drop-
off in the DRC response pattern between the DRC_LO_COMP and DRC_NG_EXP regions.
The overall DRC compressio
n characteristic in “steady state” (i.e. where the input amplitude is near-
constant) is illustrated in Figure 28.
DRC_KNEE_IP
(Y0)
0dB
DRC
_HI_
COM
P
DR
C_
LO
_C
OM
P
DRC Input Amplitude (dBFS)
DRC Output Amplitude (dBFS)
DRC_KNEE_OP
Knee1
Knee2
DRC_KNEE2_IP
DRC_KNEE2_OP
Figure 28 DRC Response Characteristic
The slope
of
the DRC
response
is
determined
by
register
fields
DRC_HI_COMP
and
DRC_LO_COMP. A slope of 1 indicates constant gain in this region. A slope less than 1 represents
compression (i.e. a change in input amplitude produces only a smaller change in output amplitude). A
slope of 0 indicates that the target output amplitude is the same across a range of input amplitudes;
this is infinite compression.
When the noise gate is enabled, the DRC response in this region is determined by the DRC_NG_EXP
register. A slope of 1 indicates constant gain in this region. A slope greater than 1 represents
expansion (i.e. a change in input amplitude produces a larger change in output amplitude).
When the DRC_KNEE2_OP knee is enabled (“Knee2” in Figure 28), this introduces the vertical line in
the response pattern illustrated, resulting in infinitely steep attenuation at this point in the response.
The DRC parameters are listed in Table 39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com