Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8962B Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 53Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 54Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 55Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 56Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 57Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 58Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 59Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 60Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 295 page
background image
WM8962
Rev 4.3
57
ALC_DCY,
ALC_NGATE_DCY
ALC_MODE = 0
ALC_MODE = 1,
SAMPLE RATE ≤ 48kHz
ALC_MODE = 1,
SAMPLE RATE > 48
kHz
0000
0.41ms
0.082ms
0.41ms
0001
0.82ms
0.164ms
0.82ms
0010
1.64ms
0.328ms
1.64ms
0011
3.28ms
0.655ms
3.28ms
0100
6.56ms
1.31ms
6.56ms
0101
13.1ms
2.62ms
13.1ms
0110
26.2ms
5.24ms
26.2ms
0111
52.5ms
10.5ms
52.5ms
1000
105ms
21.0ms
105ms
1001
210ms
41.9ms
210ms
1010
420ms
83.9ms
420ms
1011
840ms
168ms
840ms
Table 17 ALC Decay Rate (Time per 1.5dB Gain Step)
ALC_ATK,
ALC_NGATE_ATK
ALC_MODE = 0
ALC_MODE = 1,
SAMPL
E_RATE ≤ 48kHz
ALC_MODE = 1,
SAMPLE RATE > 48
kHz
0000
0.104ms
0.020ms
0.104ms
0001
0.208ms
0.041ms
0.208ms
0010
0.416ms
0.082ms
0.416ms
0011
0.832ms
0.164ms
0.832ms
0100
1.66ms
0.328ms
1.66ms
0101
3.33ms
0.655ms
3.33ms
0110
6.66ms
1.31ms
6.66ms
0111
13.3ms
2.62ms
13.3ms
1000
26.6ms
5.24ms
26.6ms
1001
53.2ms
10.5ms
53.2ms
1010
106ms
21.0ms
106ms
Table 18 ALC Attack Rate (Time per 1.5dB Gain Step)
PEAK LIMITER
To prevent clipping when a large signal occurs just after a period of quiet, the ALC circuit includes a
limiter function. If the ADC input signal exceeds 87.5% of full scale (
–1.16dBFS), the PGA gain is
ramped down at the maximum attack rate (as when ALC_ATK = 0000), until the signal level falls
below 87.5% of full scale. This function is automatically enabled whenever the ALC is in Active Mode,
but has no effect when ALC is in Monitor Mode.
Note that if ALC_ATK = 0000, then the peak limiter makes no difference to the operation of the ALC;
ALC_ATK is already at 0000 and the ALC is therefore already ramping down at its maximum rate. The
Peak Limiter is designed to prevent clipping when long attack times are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com