Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8962B Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 61Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 62Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 63Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 64Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 65Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 66Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 67Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 68Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 295 page
background image
WM8962
Rev 4.3
65
Clocking for the digital microphone interface is derived from SYSCLK. The DMICCLK frequency is
configured automatically, according to the SAMPLE_RATE, MCLK_RATE, and ADC_HP registers.
(See “Clocking and Sample Rates” for further details of the system clocks and control registers.)
The DMICCLK is enabled whenever a digital microphone input path is enabled on the GPIO2 or
GPIO3 pins. Note that the SYSCLK_ENA register must also be set.
The DMICCLK frequency is as described in Table 23 (for ADC_HP=0) and Table 24 (for ADC_HP=1).
The ADC_HP bit is set to 0 by default, giving reduced power consumption. Note that the only valid
DMICCLK configurations are the ones listed in Table 23 and Table 24.
Note that the system clock, SYSCLK, must be present and enabled when using the digital microphone
interface.
SAMPLE RATE
(kHz)
MCLK RATE (MCLK / fs ratio)
256
384
512
768
1024
1536
3072
6144
8
1.024
1.024
1.024
1.024
1.024
1.024
1.024
11.025
1.4112
1.4112
1.4112
1.4112
1.4112
1.4112
12
1.536
1.536
1.536
1.536
1.536
1.536
16
1.024
1.024
1.024
1.024
1.024
1.024
1.024
22.05
1.4112
1.4112
1.4112
1.4112
1.4112
1.4112
24
1.536
1.536
1.536
1.536
1.536
1.536
32
2.048
2.048
2.048
2.048
2.048
2.048
44.1
2.8224
1.4112
2.8224
1.4112
2.8224
48
3.072
1.536
3.072
1.536
3.072
88.2
2.8224
2.8224
96
3.072
3.072
When ADC_HP=0, digital microphone operation is only supported for the above configurations.
Digital microphone operation is not supported for 64fs, 128fs or 192fs MCLK ratios.
Table 23 DMICCLK Frequency (MHz) - ADC_HP = 0 (Default)
SAMPLE RATE
(kHz)
MCLK RATE (MCLK / fs ratio)
256
384
512
768
1024
1536
3072
6144
8
1.024
2.048
2.048
2.048
2.048
2.048
11.025
1.4112
2.8224
2.8224
12
1.536
3.072
3.072
16
2.048
2.048
2.048
2.048
2.048
22.05
2.8224
2.8224
2.8224
24
3.072
3.072
3.072
32
2.048
2.048
2.048
44.1
2.8224
2.8224
2.8224
48
3.072
3.072
3.072
88.2
2.8224
2.8224
96
3.072
3.072
When ADC_HP=1, digital microphone operation is only supported for the above configurations.
Digital microphone operation is not supported for 64fs, 128fs or 192fs MCLK ratios.
Table 24 DMICCLK Frequency (MHz) - ADC_HP = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com