Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8962B Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8962B
Description  Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8962B Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8962B Datasheet HTML 76Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 77Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 78Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 79Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 80Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 81Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 82Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 83Page - Wolfson Microelectronics plc WM8962B Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 295 page
background image
WM8962
80
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R271 (010Fh)
THREED4
15:11
THREED_FGAIN
R [4:0]
00000
3D Right Forward Gain
00000 = Mute
00001 = -11.25dB
00010 = -10.875dB
(…in steps of -0.375dB)
11110 = -0.375dB
11111 = 0.0dB
See Table 35 for a full list of gain
settings
10:6
THREED_CGAIN
R [4:0]
00000
3D Right Cross Gain (from the left
channel to the right)
00000 = Mute
00001 = -11.25dB
00010 = -10.875dB
(…in steps of -0.375dB)
11110 = -0.375dB
11111 = 0.0dB
See Table 35 for a full list of gain
settings
5:2
THREED_DELAY
R [3:0]
0000
3D Filter Delay (measured from the
sample rate)
0000 = 0 samples
0001 = 1 samples
0010 = 2 samples
0011 = 3 samples
0100 = 4 samples
0101 = 5 samples
0110 = 6 samples
0111 = 7 samples
1000 = 8 samples
1001 to 1111 = Reserved
Table 34 3D Surround Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com