Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM26LVCISD-080/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM26LVCISD-080/NOPB
Description  1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26LVCISD-080/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM26LVCISD-080/NOPB Datasheet HTML 12Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 13Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 14Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 15Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 16Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 17Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 18Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 19Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
GAIN1: VTEMP = 907.9 - 5.132 x (TDIE - 30°C) - 1.08e-3 x (T DIE - 30°C)
2
GAIN2: VTEMP = 1361.4 - 7.701 x (TDIE - 30°C) - 1.60e-3 x (T DIE - 30°C)
2
GAIN3: VTEMP = 1814.6 - 10.270 x (TDIE - 30°C) - 2.12e-3 x (T DIE - 30°C)
2
GAIN4: VTEMP = 2268.1 - 12.838 x (TDIE - 30°C) - 2.64e-3 x (T DIE - 30°C)
2
LM26LV
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
www.ti.com
Table 1. VTEMP Temperature Sensor Output Voltage vs Die Temperature Conversion Table
(1) (continued)
VTEMP, Analog Output Voltage, mV
Die Temp.,
Gain 1: for
Gain 2: for
Gain 3: for
Gain 4: for
°C
TTRIP = 0-69°C
TTRIP = 70-109°C
TTRIP = 110-129°C
TTRIP = 130-150°C
122
427
639
852
1065
123
421
631
841
1051
124
416
623
831
1038
125
411
615
820
1025
126
405
607
809
1011
127
400
599
798
998
128
395
591
788
985
129
389
583
777
971
130
384
575
766
958
131
379
567
756
945
132
373
559
745
931
133
368
551
734
918
134
362
543
724
904
135
357
535
713
891
136
352
527
702
878
137
346
519
691
864
138
341
511
681
851
139
336
503
670
837
140
330
495
659
824
141
325
487
649
811
142
320
479
638
797
143
314
471
627
784
144
309
463
616
770
145
303
455
606
757
146
298
447
595
743
147
293
438
584
730
148
287
430
573
716
149
282
422
562
703
150
277
414
552
690
VTEMP vs DIE TEMPERATURE APPROXIMATIONS
The LM26LV/LM26LV-Q1's VTEMP analog temperature output is very linear. The Conversion Table above and the
equation in the Section The Second-Order Equation (Parabolic) represent the most accurate typical performance
of the VTEMP voltage output vs Temperature.
The Second-Order Equation (Parabolic)
The data from the Conversion Table, or the equation below, when plotted, has an umbrella-shaped parabolic
curve. VTEMP is in mV.
(1)
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM26LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com