Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM26LVCISD-080/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM26LVCISD-080/NOPB
Description  1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26LVCISD-080/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM26LVCISD-080/NOPB Datasheet HTML 4Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 5Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 6Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 7Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 8Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 9Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 10Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 11Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
tVTEMP
VDD
VTEMP
Valid
tEN
VDD
OVERTEMP
1.3V
Enabled
OVERTEMP
Enabled
LM26LV
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for +VDD = +1.6V to +5.5V. Boldface limits apply for TA = TJ = TMIN to
TMAX ; all other limits TA = TJ = 25°C.
Units
Symbol
Parameter
Conditions
Typical(1)
Limits(2)
(Limit)
TRIP TEST DIGITAL INPUT
VIH
Logic "1" Threshold Voltage
VDD− 0.5
V (min)
VIL
Logic "0" Threshold Voltage
0.5
V (max)
IIH
Logic "1" Input Current
1.5
2.5
μA (max)
IIL
Logic "0" Input Current(6)
0.001
1
μA (max)
TIMING
Time from Power On to Digital
tEN
Output Enabled. See definition
1.1
2.3
ms (max)
below.
tV
Time from Power On to Analog
VTEMP CL = 0 pF to 1100 pF
1.0
2.9
ms (max)
Temperature Valid. See
definition below.
(6)
The 1µA limit is based on a testing limitation and does not reflect the actual performance of the part. Expect to see a doubling of the
current for every 15°C increase in temperature. For example, the 1nA typical current at 25°C would increase to 16nA at 85°C.
Figure 3. Definitions of tEN and tV
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM26LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com