Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM26LVCISD-080/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM26LVCISD-080/NOPB
Description  1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26LVCISD-080/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM26LVCISD-080/NOPB Datasheet HTML 14Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 15Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 16Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 17Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 18Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 19Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 20Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 21Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Rpull-up = VDD (Max) ± VOL
iT
iT = iL + isink
OVERTEMP
VDD
RPull-Up
VOUT
iL
iT
isink
Digital Input
LM26LV
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
www.ti.com
OVERTEMP and OVERTEMP Digital Outputs
The OVERTEMP Active High, Push-Pull Output and the OVERTEMP Active Low, Open-Drain Output both assert
at the same time whenever the Die Temperature reaches the factory preset Temperature Trip Point. They also
assert simultaneously whenever the TRIP TEST pin is set high. Both outputs de-assert when the die temperature
goes below the Temperature Trip Point - Hysteresis. These two types of digital outputs enable the user the
flexibility to choose the type of output that is most suitable for his design.
Either the OVERTEMP or the OVERTEMP Digital Output pins can be left open if not used.
OVERTEMP OPEN-DRAIN DIGITAL OUTPUT
The OVERTEMP Active Low, Open-Drain Digital Output, if used, requires a pull-up resistor between this pin and
VDD. The following section shows how to determine the pull-up resistor value.
Determining the Pull-up Resistor Value
The Pull-up resistor value is calculated at the condition of maximum total current, iT, through the resistor. The
total current is:
(7)
where,
iT
iT is the maximum total current through the Pull-up Resistor at VOL.
iL
iL is the load current, which is very low for typical digital inputs.
VOUT VOUT is the Voltage at the OVERTEMP pin. Use VOL for calculating the Pull-up resistor.
VDD(Max) VDD(Max) is the maximum power supply voltage to be used in the customer's system.
The pull-up resistor maximum value can be found by using the following formula:
(8)
EXAMPLE CALCULATION
Suppose we have, for our example, a VDD of 3.3 V ± 0.3V, a CMOS digital input as a load, a VOL of 0.2 V.
1. We see that for VOL of 0.2 V the electrical specification for OVERTEMP shows a maximim isink of 385 µA.
2. Let iL= 1 µA, then iT is about 386 µA max. If we select 35 µA as the current limit then iT for the calculation
becomes 35 µA
3. We notice that VDD(Max) is 3.3V + 0.3V = 3.6V and then calculate the pull-up resistor as RPull-up = (3.6 −
0.2)/35 µA = 97k
4. Based on this calculated value, we select the closest resistor value in the tolerance family we are using.
In our example, if we are using 5% resistor values, then the next closest value is 100 k
Ω.
18
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM26LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com