Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM26LVCISD-080/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM26LVCISD-080/NOPB
Description  1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26LVCISD-080/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM26LVCISD-080/NOPB Datasheet HTML 13Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 14Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 15Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 16Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 17Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 18Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 19Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 20Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
(-12.8 mV/°C) x
V =
(T-20°C) + 2396 mV
(-12.8 mV/°C) x
V - 2396 mV =
(T - 20°C)
2010 mV - 2396 mV
50°C - 20°C
x
¹
·
V - 2396 mV =
(T - 20°C)
V2 - V1
T2 - T1
u
¹
·
V - V1 =
(T - T1)
GAIN1: VTEMP = 1060 - 5.18 x TDIE
GAIN2: VTEMP = 1590 - 7.77 x TDIE
GAIN3: VTEMP = 2119 - 10.36 x TDIE
GAIN4: VTEMP = 2649 - 12.94 x TDIE
LM26LV
www.ti.com
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
The First-Order Approximation (Linear)
For a quicker approximation, although less accurate than the second-order, over the full operating temperature
range the linear formula below can be used. Using this formula, with the constant and slope in the following set
of equations, the best-fit VTEMP vs Die Temperature performance can be calculated with an approximation error
less than 18 mV. VTEMP is in mV.
(2)
First-Order Approximation (Linear) over Small Temperature Range
For a linear approximation, a line can easily be calculated over the desired temperature range from the
Conversion Table using the two-point equation:
(3)
Where V is in mV, T is in °C, T1 and V1 are the coordinates of the lowest temperature, T2 and V2 are the
coordinates of the highest temperature.
For example, if we want to determine the equation of a line with Gain 4, over a temperature range of 20°C to
50°C, we would proceed as follows:
(4)
(5)
(6)
Using this method of linear approximation, the transfer function can be approximated for one or more
temperature ranges of interest.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM26LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com