Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM26LVCISD-080/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM26LVCISD-080/NOPB
Description  1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26LVCISD-080/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM26LVCISD-080/NOPB Datasheet HTML 15Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 16Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 17Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 18Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 19Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 20Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 21Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 22Page - Texas Instruments LM26LVCISD-080/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
RS
VTEMP
LM26LV
VDD
GND
CLOAD >
1100 pF
OPTIONAL
BYPASS
CAPACITANCE
VTEMP
LM26LV
VDD
GND
OPTIONAL
BYPASS
CAPACITANCE
CLOAD d 1100 pF
LM26LV
www.ti.com
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
NOISE IMMUNITY
The LM26LV/LM26LV-Q1 is virtually immune from false triggers on the OVERTEMP and OVERTEMP digital
outputs due to noise on the power supply. Test have been conducted showing that, with the die temperature
within 0.5°C of the temperature trip point, and the severe test of a 3 Vpp square wave "noise" signal injected on
the VDD line, over the VDD range of 2V to 5V, there were no false triggers.
TRIP TEST Digital Input
The TRIP TEST pin simply provides a means to test the OVERTEMP and OVERTEMP digital outputs
electronically by causing them to assert, at any operating temperature, as a result of forcing the TRIP TEST pin
high.
When the TRIP TEST pin is pulled high the VTEMP pin will be at the VTRIP voltage.
If not used, the TRIP TEST pin may either be left open or grounded.
VTEMP Analog Temperature Sensor Output
The VTEMP push-pull output provides the ability to sink and source significant current. This is beneficial when, for
example, driving dynamic loads like an input stage on an analog-to-digital converter (ADC). In these applications
the source current is required to quickly charge the input capacitor of the ADC. See the Applications Circuits
section for more discussion of this topic. The LM26LV/LM26LV-Q1 is ideal for this and other applications which
require strong source or sink current.
NOISE CONSIDERATIONS
The LM26LV/LM26LV-Q1's supply-noise rejection (the ratio of the AC signal on VTEMP to the AC signal on VDD)
was measured during bench tests. It's typical attenuation is shown in the Typical Performance Characteristics
section. A load capacitor on the output can help to filter noise.
For operation in very noisy environments, some bypass capacitance should be present on the supply within
approximately 2 inches of the LM26LV/LM26LV-Q1.
CAPACITIVE LOADS
The VTEMP Output handles capacitive loading well. In an extremely noisy environment, or when driving a switched
sampling input on an ADC, it may be necessary to add some filtering to minimize noise coupling. Without any
precautions, the VTEMP can drive a capacitive load less than or equal to 1100 pF as shown in Figure 21. For
capacitive loads greater than 1100 pF, a series resistor is required on the output, as shown in Figure 22, to
maintain stable conditions.
Figure 21. LM26LV/LM26LV-Q1 No Decoupling Required for Capacitive Loads Less than 1100pF.
Figure 22. LM26LV/LM26LV-Q1 with series resistor for capacitive loading greater than 1100pF
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM26LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com