Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5574QMT/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5574QMT/NOPB
Description  Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5574QMT/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM5574QMT/NOPB Datasheet HTML 1Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 2Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 3Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 4Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 5Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 6Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 7Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 8Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LM5574-Q1
SNOSB22C – OCTOBER 2008 – REVISED OCTOBER 2014
www.ti.com
Table of Contents
7.3
Feature Description................................................... 9
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 10
2
Applications ........................................................... 1
8
Application and Implementation ........................ 16
3
Description ............................................................. 1
8.1
Application Information............................................ 16
4
Revision History..................................................... 2
8.2
Typical Application .................................................. 17
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 24
6
Specifications......................................................... 4
10
Layout................................................................... 24
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 24
6.2
Handling Ratings....................................................... 4
10.2
Layout Example .................................................... 25
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 27
6.4
Thermal Information .................................................. 5
11.1
Trademarks ........................................................... 27
6.5
Electrical Characteristics........................................... 5
11.2
Electrostatic Discharge Caution ............................ 27
6.6
Typical Characteristics .............................................. 7
11.3
Glossary ................................................................ 27
7
Detailed Description .............................................. 9
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................... 9
Information ........................................................... 27
7.2
Functional Block Diagram ......................................... 9
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (April 2013) to Revision C
Page
•
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
Changes from Revision A (April 2013) to Revision B
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 25
2
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM5574-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com