Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5574QMT/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5574QMT/NOPB
Description  Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5574QMT/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5574QMT/NOPB Datasheet HTML 1Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 2Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 3Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 4Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 5Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 6Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 7Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 8Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
2
3
4
5
6
7
8
VIN
PRE
FB
VCC
IS
AGND
OUT
RAMP
9
10
11
12
COMP
SD
BST
RT
13
14
15
16
SS
PGND
SYNC
SW
LM5574-Q1
www.ti.com
SNOSB22C – OCTOBER 2008 – REVISED OCTOBER 2014
5 Pin Configuration and Functions
16-Pin
TSSOP Package
Top View
Pin Functions
PIN
I/O
DESCRIPTION
APPLICATION INFORMATION
NO.
NAME
1
VCC
O
Output of the bias regulator
VCC tracks VIN up to 9 V. Beyond 9 V, VCC is
regulated to 7 Volts. A 0.1-uF to 1-uF ceramic
decoupling capacitor is required. An external voltage
(7.5 V – 14 V) can be applied to this pin to reduce
internal power dissipation.
2
SD
I
Shutdown or UVLO input
If the SD pin voltage is below 0.7 V, the regulator will
be in a low power state. If the SD pin voltage is
between 0.7 V and 1.225 V, the regulator will be in
standby mode. If the SD pin voltage is above 1.225 V
the regulator will be operational. An external voltage
divider can be used to set a line undervoltage
shutdown threshold. If the SD pin is left open circuit,
a 5 µA pull-up current source configures the regulator
fully operational.
3
Vin
I
Input supply voltage
Nominal operating range: 6 V to 75 V
4
SYNC
I
Oscillator synchronization input or output
The internal oscillator can be synchronized to an
external clock with an external pull-down device.
Multiple LM5574-Q1 devices can be synchronized
together by connection of their SYNC pins.
5
COMP
O
Output of the internal error amplifier
The loop compensation network should be connected
between this pin and the FB pin.
6
FB
I
Feedback signal from the regulated output
This pin is connected to the inverting input of the
internal error amplifier. The regulation threshold is
1.225 V.
7
RT
I
Internal oscillator frequency set input
The internal oscillator is set with a single resistor,
connected between this pin and the AGND pin.
8
RAMP
O
Ramp control signal
An external capacitor connected between this pin
and the AGND pin sets the ramp slope used for
current mode control. Recommended capacitor range
50 pF to 2000 pF.
9
AGND
Ground
Analog ground
Internal reference for the regulator control functions
10
SS
O
Soft-start
An external capacitor and an internal 10 µA current
source set the time constant for the rise of the error
amp reference. The SS pin is held low during
standby, VCC UVLO and thermal shutdown.
11
OUT
O
Output voltage connection
Connect directly to the regulated output voltage.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5574-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com