Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5574QMT/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5574QMT/NOPB
Description  Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5574QMT/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5574QMT/NOPB Datasheet HTML 8Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 9Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 10Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 11Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 12Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 13Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 14Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 15Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
SYNC
10k
S
R
Q
Q
DEADTIME
ONE-SHOT
5V
2.5V
I = f(RT)
SYNC
LM5574
UP TO 5 TOTAL
DEVICES
LM5574
SYNC
SYNC
AGND
LM5574
SW
CLK
SYNC
SW
500 ns
LM5574-Q1
SNOSB22C – OCTOBER 2008 – REVISED OCTOBER 2014
www.ti.com
Device Functional Modes (continued)
Figure 9. Sync from External Clock
Figure 10. Sync from Multiple Devices
Multiple LM5574-Q1 devices can be synchronized together simply by connecting the SYNC pins together. In this
configuration, all of the devices will be synchronized to the highest frequency device. The diagram in Figure 11
illustrates the SYNC input/output features of the LM5574-Q1. The internal oscillator circuit drives the SYNC pin
with a strong pull-down / weak pull-up inverter. When the SYNC pin is pulled low either by the internal oscillator
or an external clock, the ramp cycle of the oscillator is terminated and a new oscillator cycle begins. Thus, if the
SYNC pins of several LM5574-Q1 IC’s are connected together, the IC with the highest internal clock frequency
will pull the connected SYNC pins low first and terminate the oscillator ramp cycles of the other IC’s. The
LM5574-Q1 with the highest programmed clock frequency will serve as the master and control the switching
frequency of the all the devices with lower oscillator frequency.
Figure 11. Simplified Oscillator Block Diagram and SYNC I/O Circuit
7.4.3 Error Amplifier and PWM Comparator
The internal high gain error amplifier generates an error signal proportional to the difference between the
regulated output voltage and an internal precision reference (1.225 V). The output of the error amplifier is
connected to the COMP pin allowing the user to provide loop compensation components, generally a type II
network, as illustrated in Figure 16. This network creates a pole at DC, a zero and a noise reducing high
frequency pole. The PWM comparator compares the emulated current sense signal from the RAMP generator to
the error amplifier output voltage at the COMP pin.
12
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM5574-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com