Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5574QMT/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5574QMT/NOPB
Description  Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5574QMT/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5574QMT/NOPB Datasheet HTML 1Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 2Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 3Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 4Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 5Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 6Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 7Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 8Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
BST
SW
COMP
FB
SS
RAMP
RT
VCC
VIN
OUT
IS
GND
LM5574
VIN
VOUT
SYNC
SD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM5574-Q1
SNOSB22C – OCTOBER 2008 – REVISED OCTOBER 2014
LM5574-Q1 Simple Switcher® 75 V, 0.5 A Step-Down Switching Regulator
1 Features
3 Description
The
LM5574-Q1
is
an
easy
to
use
SIMPLE
1
•
LM5574-Q1 is an Automotive Grade Product That
SWITCHER® buck regulator which allows design
is AEC-Q100 Grade Qualified
engineers to design and optimize a robust power
•
−40°C to + 150°C Operating Junction
supply
using
a
minimum
set
of
components.
Temperature
Operating with an input voltage range of 6 - 75 V, the
LM5574-Q1 delivers 0.5 A of continuous output
•
Integrated 75 V, 750 m
Ω N-Channel MOSFET
current with an integrated 750 m
Ω N-Channel
•
Ultra-Wide Input Voltage Range From 6 V to 75 V
MOSFET. The regulator utilizes an Emulated Current
•
Adjustable Output Voltage as Low as 1.225 V
Mode
architecture
which
provides
inherent
line
•
1.65% Feedback Reference Accuracy
regulation, tight load transient response, and ease of
loop compensation without the usual limitation of low-
•
Operating Frequency Adjustable Between 50 kHz
duty cycles associated with current mode regulators.
and 500 kHz With Single Resistor
The operating frequency is adjustable from 50 kHz to
•
Master or Slave Frequency Synchronization
500 kHz to allow optimization of size and efficiency.
•
Adjustable Soft-Start
To reduce EMI, a frequency synchronization pin
allows multiple ICs from the LM(2)557x family to self-
•
Emulated Current Mode Control Architecture
synchronize or to synchronize to an external clock.
•
Wide Bandwidth Error Amplifier
The LM5574-Q1 ensures robustness with cycle-by-
•
Built-In Protection
cycle current limit, short-circuit protection, thermal
shut-down, and remote shut-down. The device is
•
Package:
available in a TSSOP-16 package. The LM5574-Q1 is
–
TSSOP-16
supported by the full suite of WEBENCH® On-Line
design tools.
2 Applications
•
Automotive
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Industrial
LM5574-Q1
TSSOP (16)
5.00 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM5574QMT/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5574QMT/NOPB TI1-LM5574QMT/NOPB Datasheet
966Kb / 29P
LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM5574QMT/NOPB TI1-LM5574QMT/NOPB Datasheet
964Kb / 29P
SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
More results

Similar Description - LM5574QMT/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM5575 NSC-LM5575_09 Datasheet
455Kb / 22P
SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5576 NSC-LM5576_09 Datasheet
465Kb / 24P
SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM5576 TI1-LM5576_17 Datasheet
1Mb / 34P
SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1_17 Datasheet
1Mb / 33P
Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com