Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5574QMT/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5574QMT/NOPB
Description  Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5574QMT/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5574QMT/NOPB Datasheet HTML 1Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 2Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 3Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 4Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 5Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 6Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 7Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 8Page - Texas Instruments LM5574QMT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM5574-Q1
SNOSB22C – OCTOBER 2008 – REVISED OCTOBER 2014
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
APPLICATION INFORMATION
NO.
NAME
12
PGND
Ground
Power ground
Low side reference for the PRE switch and the IS
sense resistor.
13
IS
I
Current sense
Current measurement connection for the re-
circulating diode. An internal sense resistor and a
sample/hold circuit sense the diode current near the
conclusion of the off-time. This current measurement
provides the DC level of the emulated current ramp.
14
SW
O
Switching node
The source terminal of the internal buck switch. The
SW pin should be connected to the external Schottky
diode and to the buck inductor.
15
PRE
O
Pre-charge assist for the bootstrap capacitor
This open drain output can be connected to SW pin
to aid charging the bootstrap capacitor during very
light load conditions or in applications where the
output may be pre-charged before the LM5574-Q1 is
enabled. An internal pre-charge MOSFET is turned
on for 250 ns each cycle just prior to the on-time
interval of the buck switch.
16
BST
I
Boost input for bootstrap capacitor
An external capacitor is required between the BST
and the SW pins. A 0.022-µF ceramic capacitor is
recommended. The capacitor is charged from VCC
via an internal diode during the off-time of the buck
switch.
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
VIN to GND
76
V
BST to GND
90
V
PRE to GND
76
V
SW to GND (Steady State)
–1.5
V
BST to VCC
76
V
SD, VCC to GND
14
V
BST to SW
14
V
OUT to GND
Limited to VIN
SYNC, SS, FB, RAMP to GND
7
V
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Recommended Operating Conditions are
conditions under which operation of the device is intended to be functional. For ensured specifications and test conditions, see the
Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2
V(ESD)
Electrostatic discharge
kV
pins(1)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VIN
6
75
V
Operation Junction Temperature
–40
150
°C
4
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM5574-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com