Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814x Datasheet(PDF) 240 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 240 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 236Page - Texas Instruments TMS320DM814x Datasheet HTML 237Page - Texas Instruments TMS320DM814x Datasheet HTML 238Page - Texas Instruments TMS320DM814x Datasheet HTML 239Page - Texas Instruments TMS320DM814x Datasheet HTML 240Page - Texas Instruments TMS320DM814x Datasheet HTML 241Page - Texas Instruments TMS320DM814x Datasheet HTML 242Page - Texas Instruments TMS320DM814x Datasheet HTML 243Page - Texas Instruments TMS320DM814x Datasheet HTML 244Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 8-14. Ethernet MAC Switch Registers (continued)
ARM/L3 MASTERS
EMAC HEX
ACRONYM
REGISTER NAME
ADDRESS RANGE
0x4A10 045C
TXUNDERRUN
CPSW_STATS Transmit Underrun Error
0x4A10 0460
TXCARRIERSENSEERRO
CPSW_STATS CarrierSenseErrors
RS
0x4A10 0464
TXOCTETS
CPSW_STATS TxOctets
0x4A10 0468
64OCTETFRAMES
CPSW_STATS 64octetFrames
0x4A10 046C
65T127OCTETFRAMES
CPSW_STATS 65-127octetFrames
0x4A10 0470
128T255OCTETFRAMES
CPSW_STATS 128-255octetFrames
0x4A10 0474
256T511OCTETFRAMES
CPSW_STATS 256-511octetFrames
0x4A10 0478
512T1023OCTETFRAMES
CPSW_STATS 512-1023octetFrames
0x4A10 047C
1024TUPOCTETFRAMES
CPSW_STATS 1023-1518octetFrames
0x4A10 0480
NETOCTETS
CPSW_STATS NetOctets
0x4A10 0484
RXSOFOVERRUNS
CPSW_STATS Receive FIFO or DMA Start of Frame Overruns
0x4A10 0488
RXMOFOVERRUNS
CPSW_STATS Receive FIFO or DMA Mid of Frame Overruns
0x4A10 048C
RXDMAOVERRUNS
CPSW_STATS Receive DMA Start of Frame and Middle of Frame
Overruns
0x4A10 0490 - 0x4A10 04FC
–
Reserved
0x4A10 0500
CPTS_IDVER
Identification and Version Register
0x4A10 0504
CPTS_CONTROL
Time Sync Control Register
0x4A10 0508
CPTS_RFTCLK_SEL
Reference Clock Select Register
0x4A10 050C
CPTS_TS_PUSH
Time Stamp Event Push Register
0x4A10 0510
CPTS_TS_LOAD_VAL
Time Stamp Load Value Register
0x4A10 0514
CPTSTS_LOAD_EN
Time Stamp Load Enable Register
0x4A10 0518 - 0x4A10 051C
–
Reserved
0x4A10 0520
CPTS_INTSTAT_RAW
Time Sync Interrupt Status Raw Register
0x4A10 0524
CPTS_INTSTAT_MASKED Time Sync Interrupt Status Masked Register
0x4A10 0528
CPTS_INT_ENABLE
Time Sync Interrupt Enable Register
0x4A10 052C
–
Reserved
0x4A10 0530
CPTS_EVENT_POP
Event Interrupt Pop Register
0x4A10 0534
CPTS_EVENT_LOW
Lower 32-Bits of the Event Value
0x4A10 0538
CPTS_EVENT_HIGH
Upper 32-Bits of the Event Value
0x4A10 053C - 0x4A10 05FC
–
Reserved
0x4A10 0600
ALE_IDVER
Address Lookup Engine ID/Version Register
0x4A10 0604
–
Reserved
0x4A10 0608
ALE_CONTROL
Address Lookup Engine Control Register
0x4A10 060C
–
Reserved
0x4A10 0610
ALE_PRESCALE
Address Lookup Engine Prescale Register
0x4A10 0614
–
Reserved
0x4A10 0618
ALE_UNKNOWN_VLAN
Address Lookup Engine Unknown VLAN Register
0x4A10 061C
–
Reserved
0x4A10 0620
ALE_TBLCTL
Address Lookup Engine Table Control
0x4A10 0624 - 0x4A10 0630
–
Reserved
0x4A10 0634
ALE_TBLW2
Address Lookup Engine Table Word 2 Register
0x4A10 0638
ALE_TBLW1
Address Lookup Engine Table Word 1 Register
0x4A10 063C
ALE_TBLW0
Address Lookup Engine Table Word 0 Register
0x4A10 0640
ALE_PORTCTL0
Address Lookup Engine Port 0 Control Register
0x4A10 0644
ALE_PORTCTL1
Address Lookup Engine Port 1 Control Register
240
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com