| Electronic Components Datasheet Search |
|
TMS320DM814x Datasheet(PDF) 64 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Datasheet(HTML) 64 Page - Texas Instruments |
|
64 / 376 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-8. EMAC[1] Terminal Functions [(R)(G)MII] SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. EMAC[1] (G)MII Mode An EMAC bootmode must be selected via the BTMODE[4:0] pins. Once the EMAC bootmode is selected, the BTMODE[9:8] pins determine the Ethernet PHY Mode Selection (for example, 00b is MII mode). For more detailed information on EMAC bootmodes and Ethernet PHY Mode selection, see Section 4.2.6, Ethernet PHY Mode Selection. These pin functions are available only when GMII and MII modes are selected. VOUT[1]_HSYNC/ VOUT[1], EMAC[1]_MCOL/ VIN[1]A, SPI[3], VIN[1]A_VSYNC/ IPD AC24 I UART3, GP2 [G]MII Collision Detect (Sense) input SPI[3]_D[1]/ DVDD PINCNTL205 UART3_RTS/ DSIS: 0 GP2[29] VOUT[1]_VSYNC/ EMAC[1]_MCRS/ VOUT[1], VIN[1]A_FLD/ VIN[1]A, SPI[3], IPD VIN[1]A_DE/ AA23 I UART3, GP2 [G]MII Carrier Sense input DVDD SPI[3]_D[0]/ PINCNTL206 UART3_CTS/ DSIS: 0 GP2[30] VOUT[1]_G_Y_YC[6]/ VOUT[1], EMAC[1]_GMTCLK/ IPD VIN[1]A, GP3 AH27 O GMII Source Synchronous Transmit Clock VIN[1]A_D[11]/ DVDD PINCNTL218 GP3[10] DSIS: N/A VOUT[1]_B_CB_C[3]/ VOUT[1], EMAC[1]_MRCLK/ VIN[1]A, IPD VIN[1]A_D[0]/ AH25 I UART4, GP3 [G]MII Receive Clock DVDD UART4_CTS/ PINCNTL208 GP3[0] DSIS: 0 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and the Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 64 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |