| Electronic Components Datasheet Search |
|
TMS320DM814x Datasheet(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Datasheet(HTML) 49 Page - Texas Instruments |
|
49 / 376 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 3.2.3 Controller Area Network (DCAN) Modules (DCAN0, DCAN1) Table 3-3. DCAN Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. DCAN0 DCAN0_RX/ UART2, I2C[3], GP1 UART2_RXD/ IPU AG6 I/O PINCNTL69 DCAN0 receive data pin. I2C[3]_SCL/ DVDD DSIS: 1 GP1[1] DCAN0_TX/ UART2, I2C[3], GP1 UART2_TXD/ IPU AH6 I/O PINCNTL68 DCAN0 transmit data pin. I2C[3]_SDA/ DVDD DSIS: 1 GP1[0] DCAN1 UART0_RTS/ UART0, UART4, SPI[1], UART4_TXD/ IPU SD2 DCAN1_RX/ AF5 I/O DCAN1 receive data pin. DVDD PINCNTL73 SPI[1]_SCS[2]/ DSIS: 1 SD2_SDCD UART0_CTS/ UART0, UART4, SPI[1], UART4_RXD/ IPU SD0 DCAN1_TX/ AE6 I/O DCAN1 transmit data pin. DVDD PINCNTL72 SPI[1]_SCS[3]/ DSIS: 1 SD0_SDCD (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2011–2013, Texas Instruments Incorporated Device Pins 49 Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |