| Electronic Components Datasheet Search |
|
TMS320DM814x Datasheet(PDF) 100 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Datasheet(HTML) 100 Page - Texas Instruments |
|
100 / 376 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-18. McASP1 Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. McASP1 MCA[1] MCA[1]_ACLKR/ IPD M1 I/O PINCNTL33 McASP1 Receive Bit Clock I/O MCA[1]_AXR[4] DVDD DSIS: 0 MCA[1] MCA[1]_AFSR/ IPD M2 I/O PINCNTL34 McASP1 Receive Frame Sync I/O MCA[1]_AXR[5] DVDD DSIS: 0 IPD – MCA[1]_ACLKX U5 I/O McASP1 Transmit Bit Clock I/O DVDD PINCNTL31 AUD_CLKIN1/ AUD_CLKIN1, MCA[0]_AXR[8]/ MCA[0], MCA[4], MCA[1]_AHCLKX/ IPD EDMA, TIMER2, MCA[4]_AHCLKX/ R5 I/O McASP1 Transmit High-Frequency Master Clock I/O DVDD GP0 EDMA_EVT3/ PINCNTL15 TIM2_IO/ DSIS: PIN GP0[8] IPD – MCA[1]_AFSX V3 I/O McASP1 Transmit Frame Sync I/O DVDD PINCNTL32 MCA[3] MCA[3]_AXR[3]/ IPD PINCNTL50 J6 I/O MCA[1]_AXR[9]/ DVDD DSIS: PIN MM: MUX1 MCA[0] MCA[0]_AXR[5]/ IPD PINCNTL26 M3 I/O MCA[1]_AXR[9] DVDD DSIS: PIN MM: MUX0 MCA[3], GP0 MCA[3]_AXR[2]/ IPD PINCNTL49 MCA[1]_AXR[8]/ F2 I/O DVDD DSIS: PIN GP0[20] MM: MUX1 MCA[0] MCA[0]_AXR[4]/ IPD PINCNTL25 R6 I/O MCA[1]_AXR[8] DVDD DSIS: PIN MM: MUX0 MCA[2]_AXR[3]/ MCA[2], TIMER3, MCA[1]_AXR[7]/ IPD GP0 H2 I/O McASP1 Transmit/Receive Data I/Os TIM3_IO/ DVDD PINCNTL44 GP0[15] DSIS: PIN MCA[2]_AXR[2]/ MCA[2], TIMER2, MCA[1]_AXR[6]/ IPD GP0 V5 I/O TIM2_IO/ DVDD PINCNTL43 GP0[14] DSIS: PIN MCA[1] MCA[1]_AFSR/ IPD M2 I/O PINCNTL34 MCA[1]_AXR[5] DVDD DSIS: PIN MCA[1] MCA[1]_ACLKR/ IPD M1 I/O PINCNTL33 MCA[1]_AXR[4] DVDD DSIS: PIN MCB MCA[1]_AXR[3]/ IPD N6 I/O PINCNTL38 MCB_CLKR DVDD DSIS: PIN MCB MCA[1]_AXR[2]/ IPD R3 I/O PINCNTL37 MCB_FSR DVDD DSIS: PIN (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 100 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |