| Electronic Components Datasheet Search |
|
TMS320DM814x Datasheet(PDF) 104 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Datasheet(HTML) 104 Page - Texas Instruments |
|
104 / 376 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-21. McASP4 Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. McASP4 GP0 MCA[4]_ACLKX/ IPD K7 I/O PINCNTL51 McASP4 Transmit Bit Clock I/O GP0[21] DVDD DSIS: 0 AUD_CLKIN1/ AUD_CLKIN1, MCA[0]_AXR[8]/ MCA[0], MCA[1], MCA[1]_AHCLKX/ IPD EDMA, TIMER2, MCA[4]_AHCLKX/ R5 I/O McASP4 Transmit High-Frequency Master Clock I/O DVDD GP0 EDMA_EVT3/ PINCNTL15 TIM2_IO/ DSIS: PIN GP0[8] GP0 MCA[4]_AFSX/ IPD H3 I/O PINCNTL52 McASP4 Transmit Frame Sync I/O GP0[22] DVDD DSIS: 0 MCA[5]_AXR[1]/ MCA[5], TIMER7, MCA[4]_AXR[3]/ IPD GP0 L6 I/O TIM7_IO/ DVDD PINCNTL58 GP0[28] DSIS: PIN MCA[5]_AXR[0]/ MCA[5], GP0 IPD MCA[4]_AXR[2]/ L7 I/O PINCNTL57 DVDD GP0[27] DSIS: PIN McASP4 Transmit/Receive Data I/Os MCA[4]_AXR[1]/ TIMER6, GP0 IPD TIM6_IO/ J4 I/O PINCNTL54 DVDD GP0[24] DSIS: PIN GP0 MCA[4]_AXR[0]/ IPD H6 I/O PINCNTL53 GP0[23] DVDD DSIS: PIN (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 104 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |