Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM814x Datasheet(PDF) 105 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 105 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 101Page - Texas Instruments TMS320DM814x Datasheet HTML 102Page - Texas Instruments TMS320DM814x Datasheet HTML 103Page - Texas Instruments TMS320DM814x Datasheet HTML 104Page - Texas Instruments TMS320DM814x Datasheet HTML 105Page - Texas Instruments TMS320DM814x Datasheet HTML 106Page - Texas Instruments TMS320DM814x Datasheet HTML 107Page - Texas Instruments TMS320DM814x Datasheet HTML 108Page - Texas Instruments TMS320DM814x Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-22. McASP5 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
McASP5
GP0
MCA[5]_ACLKX/
IPD
J3
I/O
PINCNTL55
McASP5 Transmit Bit Clock I/O
GP0[25]
DVDD
DSIS: 0
AUD_CLKIN2/
AUD_CLKIN2,
MCA[0]_AXR[9]/
MCA[0], MCA[2],
MCA[2]_AHCLKX/
IPD
EDMA, TIMER3,
MCA[5]_AHCLKX/
H1
I/O
McASP5 Transmit High-Frequency Master Clock I/O
DVDD
GP0
EDMA_EVT2/
PINCNTL16
TIM3_IO/
DSIS: PIN
GP0[9]
GP0
MCA[5]_AFSX/
IPD
H5
I/O
PINCNTL56
McASP5 Transmit Frame Sync I/O
GP0[26]
DVDD
DSIS: 0
MCA[0]
MCA[0]_AFSR/
IPD
K1
I/O
PINCNTL20
MCA[5]_AXR[3]
DVDD
DSIS: PIN
MCA[0]
MCA[0]_ACLKR/
IPD
K2
I/O
PINCNTL19
MCA[5]_AXR[2]
DVDD
DSIS: PIN
McASP5 Transmit/Receive Data I/Os
MCA[5]_AXR[1]/
MCA[4], TIMER7,
MCA[4]_AXR[3]/
IPD
GP0
L6
I/O
TIM7_IO/
DVDD
PINCNTL58
GP0[28]
DSIS: PIN
MCA[5]_AXR[0]/
MCA[4], GP0
IPD
MCA[4]_AXR[2]/
L7
I/O
PINCNTL57
DVDD
GP0[27]
DSIS: PIN
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
105
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com