| Electronic Components Datasheet Search |
|
TMS320DM814x Datasheet(PDF) 308 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x Datasheet(HTML) 308 Page - Texas Instruments |
|
308 / 376 page ![]() DDR[0] Keep Out Region Encompasses Entire DDR[0] Routing Area DDR3 Controllers DDR[1] Keep Out Region Encompasses Entire DDR[1] Routing Area TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 8-70. Placement Specifications NO. PARAMETER MIN MAX UNIT 1 X1(1)(2)(3) 1000 Mils 2 X2(1)(2) 600 Mils 3 Y Offset(1)(2)(3) 1500 Mils 4 DDR3 keepout region 5 Clearance from non-DDR3 signal to DDR3 keepout region(4)(5)(6) 4 w (1) For dimension definitions, see Figure 8-56. (2) Measurements from center of processor to center of DDR3 device. (3) Minimizing X1 and Y improves timing margins. (4) w is defined as the signal trace width. (5) Non-DDR3 signals allowed within DDR3 keepout region provided they are separated from DDR3 routing layers by a ground plane. (6) If a device has more than one DDR controller, the signals from the other controller(s) are considered non-DDR3 and should be separated by this specification. 8.13.4.2.4.4 DDR3 Keepout Region The region of the PCB used for DDR3 circuitry must be isolated from other signals. The DDR3 keepout region is defined for this purpose and is shown in Figure 8-57. The size of this region varies with the placement and DDR routing. Additional clearances required for the keepout region are shown in Table 8- 70. Non-DDR3 signals should not be routed on the DDR signal layers within the DDR3 keepout region. Non-DDR3 signals may be routed in the region, provided they are routed on layers separated from the DDR signal layers by a ground layer. No breaks should be allowed in the reference ground layers in this region. In addition, the 1.5-V DDR3 power plane should cover the entire keepout region. Also note that if there is more than one DDR controller, the signals from each controller need to be separated from each other by the specification in Table 8-70, item 5. Each DDR controller should have its own DDR keepout region. Figure 8-57. DDR3 Keepout Region Figure 8-57 is an example of a processor with two DDR controllers. Processors with a single DDR controler will have only one DDR keepout region. Each DDR controller should have its own keepout region. 8.13.4.2.4.5 Bulk Bypass Capacitors Bulk bypass capacitors are required for moderate speed bypassing of the DDR3 and other circuitry. Table 8-71 contains the minimum numbers and capacitance required for the bulk bypass capacitors. Note that this table only covers the bypass needs of the DDR3 controllers and DDR3 device(s). Additional bulk bypass capacitance may be needed for other circuitry. 308 Peripheral Information and Timings Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |